Electronic Components Datasheet Search
  English  ▼

X  

LT1360 Datasheet(PDF) 2 Page - Analog Devices

Part # LT1360
Description  1MHz/500kHz Continuous Time, Low Noise, Lowpass Elliptic Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1360 Datasheet(HTML) 2 Page - Analog Devices

  LT1360 Datasheet HTML 1Page - Analog Devices LT1360 Datasheet HTML 2Page - Analog Devices LT1360 Datasheet HTML 3Page - Analog Devices LT1360 Datasheet HTML 4Page - Analog Devices LT1360 Datasheet HTML 5Page - Analog Devices LT1360 Datasheet HTML 6Page - Analog Devices LT1360 Datasheet HTML 7Page - Analog Devices LT1360 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LTC1560-1
sn15601 15601fs
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
Total Supply Voltage (V + to V –) ............................. 12V
Power Dissipation ............................................. 400mW
Burn-In Voltage ...................................................
±5.5V
Operating Temperature Range
LTC1560-1C ........................................... 0
°C to 70°C
LTC1560-1I ....................................... – 40
°C to 85°C
Maximum Junction Temperature ......................... 150
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
LTC1560-1CS8
LTC1560-1IS8
The q denotes specifications which apply over the full operating
temperature range.
Note 1: To properly measure high frequency characteristics of the filter, a
noninverting output buffer is recommended as shown on the demo board
connection diagram, Figure 2. A small resistor (e.g. 100
Ω) can also be
used instead of the buffer to isolate any high capacitive load (CL > 10pF)
from the filter output.
Note 2: The stopband gain at 2.44MHz is guaranteed by design.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Voltage Range
±4.5
±5.0
±5.5
V
Passband Gain (fCUTOFF = 1MHz)
VIN = 0.5VRMS,fIN = 20kHz
0.17
dB
fIN = 100kHz
q
– 0.3
0.18
0.6
dB
fIN = 300kHz
0.08
dB
fIN = 550kHz (Gain Relative to 100kHz)
q
– 0.35
0.05
0.3
dB
fIN = 850kHz (Gain Relative to 100kHz)
q
– 0.8
– 0.3
0
dB
fIN = 950kHz (Gain Relative to 100kHz)
q
– 3.0
0.6
0.5
dB
fIN = fCUTOFF = 1MHz (Gain Relative to 100kHz)
q
– 5.0
– 1.0
1.0
dB
Transition Band Gain (Note 1)
VIN = 0.5VRMS,fIN = 1.4MHz
q
–24
–18
dB
fIN = 1.9MHz
– 42
dB
fIN = 2.0MHz
– 51
dB
Stopband Gain (fCUTOFF = 1MHz) (Note 2)
fIN = 2.44MHz
q
–70
– 65
dB
fIN = 3.0MHz
– 68
dB
fIN = 6.0MHz
– 66.1
dB
Passband Gain (fCUTOFF = 500kHz)
fIN = 100kHz, Pin 5 = 5V
0.14
dB
fIN = fCUTOFF = 500kHz
q
– 4
– 1.6
0.5
dB
fIN = 1.4MHz
– 45
dB
Output Voltage Swing
RL = 5k
±2.20
±3V
RL = 5k
q
±1.75
V
Output DC Offset (VOS)
±250
mV
Power Supply Current (IS)
q
22
29
mA
Power Supply Current in Shutdown Mode
Pin 7 at 5V
1
mA
Total Output Noise
VIN (Pin 2) Tied to Ground, fCUTOFF = 1MHz, BW = 2MHz
350
µVRMS
VIN (Pin 2) Tied to Ground, fCUTOFF = 0.5MHz, BW = 1MHz
322
µVRMS
Total Harmonic Distortion (THD)
VIN = 1VRMS, fIN = 200kHz, fCUTOFF = 1MHz, BW = 1MHz
– 63
dB
fIN = 300kHz, fCUTOFF = 1MHz, BW = 1MHz
– 61
dB
fIN = 1MHz, fCUTOFF = 1MHz, BW = 2MHz
– 62
dB
fIN = 300kHz, fCUTOFF = 0.5MHz, BW = 1MHz
– 62
dB
fIN = 500kHz, fCUTOFF = 0.5MHz, BW = 1MHz
– 63
dB
Input Resistance (RIN)
q
68
10
k
Ω
ELECTRICAL CHARACTERISTICS
VS = ±5V, TA = 25°C, Pin 5 = – 5V (fCUTOFF = 1MHz), Pin 7 = 0V unless otherwise specified.
S8 PART MARKING
15601
15601I
Consult factory for Military grade parts.
TJMAX = 150°C, θJA = 125°C/ W
1
2
3
4
8
7
6
5
TOP VIEW
VOUT
SHDN
V +
GND
VIN
GND
V –
S8 PACKAGE
8-LEAD PLASTIC SO
0.5fC/fC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com