Electronic Components Datasheet Search
  English  ▼

X  

LT1360 Datasheet(PDF) 6 Page - Analog Devices

Part # LT1360
Description  1MHz/500kHz Continuous Time, Low Noise, Lowpass Elliptic Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1360 Datasheet(HTML) 6 Page - Analog Devices

  LT1360 Datasheet HTML 1Page - Analog Devices LT1360 Datasheet HTML 2Page - Analog Devices LT1360 Datasheet HTML 3Page - Analog Devices LT1360 Datasheet HTML 4Page - Analog Devices LT1360 Datasheet HTML 5Page - Analog Devices LT1360 Datasheet HTML 6Page - Analog Devices LT1360 Datasheet HTML 7Page - Analog Devices LT1360 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LTC1560-1
sn15601 15601fs
APPLICATIONS INFORMATION
The performance of the LTC1560-1 can be easily evaluated
by using demo board 135A which can be obtained through
LTC marketing. Figure 2 shows the circuit connection of
the LTC1560-1 in demo board 135A. The filter cutoff
frequency can be switched via S2 and the power savings
mode can also be activated via S1. The output of the filter
is buffered by U2, an LT
®1360 op amp. The buffering can
be bypassed by using jumper JP1. Figure 3 shows the
demo board layout.
Figure 3. Demo Board 135A Layout
UNBUFFERED OUTPUT
FILTER INPUT
GROUND
+ 5V FILTER SUPPLY
GROUND
– 5V FILTER SUPPLY
BUFFERED OUTPUT
GROUND
+15V BUFFER SUPPLY
– 15V BUFFER SUPPLY
1560-1 F03
1
2
3
4
8
7
6
5
U1
LTC1560-1
JP1
JUMPER
R1
1k
2
7
4
3
6
VOUT
SHDN
V +
0.5fC/fC
GND
VIN
GND
V –
C1
0.01
µF
C9
0.01
µF
C10
1
µF
25V
Y5V
C8
1
µF
25V
Y5V
C6
1
µF
16V
X7R
C5
0.22
µF
C4
0.01
µF
C2
0.22
µF
E2
TP
–5V
C3
1
µF
16V
X7R
S1
GS01MSCKE
S2
GS01MSCKE
E1
TP
VIN
3
2
1
R2
332
Ω
U2
LT1360CS8
C7
0.01
µF
E10
TP
GND
E9
TP
GND
E8
TP
GND
E7
TP
5V
1560-1 F02
E6
TP
– 15V
E5
TP
OUT1
E4
TP
15V
E3
TP
OUT2
Figure 2. Demo Board 135A Connection Diagram



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com