Electronic Components Datasheet Search
  English  ▼

X  

PLA110LS Datasheet(PDF) 2 Page - Littelfuse

Part # PLA110LS
Description  400V, 150mA Single-Pole
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

PLA110LS Datasheet(HTML) 2 Page - Littelfuse

  PLA110LS Datasheet HTML 1Page - Littelfuse PLA110LS Datasheet HTML 2Page - Littelfuse PLA110LS Datasheet HTML 3Page - Littelfuse PLA110LS Datasheet HTML 4Page - Littelfuse PLA110LS Datasheet HTML 5Page - Littelfuse PLA110LS Datasheet HTML 6Page - Littelfuse PLA110LS Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R09
PLA110L
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to the
device. Functional operation of the device at conditions beyond
those indicated in the operational sections of this data sheet is
not implied.
Typical values are characteristic of the device at +25°C, and
are the result of engineering evaluations. They are provided for
information purposes only, and are not part of the manufacturing
testing requirements.
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Blocking Voltage
I
L=1A,
V
DRM
400
-
-
V
Load Current
Continuous, AC/DC Configuration
-I
L
-
-
150
mA
rms / mADC
Continuous, DC Configuration
-
-
250
mA
DC
Current Limiting
-
I
CL
190
235
280
mA
On-Resistance 1
AC/DC Configuration
I
L=150mA
R
ON
--
25
DC Configuration
I
L=250mA
-
-
9
Off-State Leakage Current
V
L=400VP
I
LEAK
--
1
µA
Switching Speeds
Turn-On
I
F=5mA, VL=10V
t
on
--
1
ms
Turn-Off
t
off
-
-
0.5
ms
Output Capacitance
I
F=0mA, VL=50V, f=1MHz
C
OUT
-25-
pF
Input Characteristics
Input Control Current to Activate
I
L=150mA
I
F
--
5
mA
Input Control Current to Deactivate
-
I
F
0.4
0.7
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.36
1.5
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
Common Characteristics
Input to Output Capacitance
V
IO=0V, f=1MHz
C
IO
-3-
pF
1 Measurement taken within one second of on-time.
Absolute Maximum Ratings @ 25ºC
Electrical Characteristics @ 25ºC
Parameter
Symbol
Ratings
Units
Blocking Voltage
V
DRM
400
V
P
Reverse Input Voltage
V
R
5V
Input Control Current
I
F
50
mA
Peak (10ms)
1
A
Input Power Dissipation 1
P
IN
150
mW
Total Power Dissipation 2
P
T
800
mW
Isolation Voltage Input to Output
V
ISO
3750
V
rms
Operational Temperature, Ambient
T
A
-40 to +85
°C
Storage Temperature
T
STG
-40 to +125
°C
1 Derate linearly 1.33 mW / ºC
2 Derate output power linearly 6.67 mW / ºC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com