Electronic Components Datasheet Search
  English  ▼

X  

PLA110LS Datasheet(PDF) 1 Page - Littelfuse

Part # PLA110LS
Description  400V, 150mA Single-Pole
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

PLA110LS Datasheet(HTML) 1 Page - Littelfuse

  PLA110LS Datasheet HTML 1Page - Littelfuse PLA110LS Datasheet HTML 2Page - Littelfuse PLA110LS Datasheet HTML 3Page - Littelfuse PLA110LS Datasheet HTML 4Page - Littelfuse PLA110LS Datasheet HTML 5Page - Littelfuse PLA110LS Datasheet HTML 6Page - Littelfuse PLA110LS Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-PLA110L-R09
1
PLA110L
400V, 150mA Single-Pole,
Normally Open Relay
Parameter
Ratings
Units
Blocking Voltage
400
V
P
Load Current
150
mA
rms / mADC
On-Resistance (max)
25
• Telecommunications
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook, Pocket Size)
• Hook Switch
• Dial Pulsing
• Ground Start
• Ringing Injection
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment-Patient/Equipment Isolation
• Security
• Industrial Controls
• Current Limiting
• 3750V
rms Input/Output Isolation
• Low Drive Power Requirements
• Greater Reliability than Electromechanical Relays
• No EMI/RFI Generation
• Small 6-Pin Package
• Surface Mount and Tape & Reel Version Available
Applications
Features
Description
Approvals
Pin Configuration
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
Part #
Description
PLA110L
6-Pin Dip (50/Tube)
PLA110LS
6-Pin Surface Mount (50/Tube)
PLA110LSTR
6-Pin Surface Mount (1000/Reel)
Ordering Information
Switching Characteristics of
Normally Open Devices
1
3
2
4
5
6
+ Control
– Control
NC
Load
Do Not Use
Load
AC/DC Configuration
1
3
2
4
5
6
+ Control
– Control
NC
+ Load
– Load
DC Only Configuration
PLA110L is a current-limited, normally open
(1-Form-A) solid state relay that uses optically
coupled MOSFET technology to provide 3750V
rms of
input to output isolation.
Its optically coupled outputs, which use the patented
OptoMOS architecture, are controlled by a highly
efficient infrared LED.
The PLA110L can be used to replace mechanical
relays. It offers the superior reliability associated
with semiconductor devices, it has no moving parts,
and it offers faster, bounce-free switching in a more
compact surface mount or thru-hole package.
• UL Recognized Component: File E76270
• CSA Certified Component: Certificate # 1175739
• TUV EN 62368-1: Certificate # B 082667 0008


Similar Part No. - PLA110LS

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PLA110LS CLARE-PLA110LS Datasheet
146Kb / 6P
Single Pole OptoMOS Relays
logo
IXYS Corporation
PLA110LS IXYS-PLA110LS Datasheet
124Kb / 7P
Single Pole, Normally Open OptoMOS Relay
logo
Clare, Inc.
PLA110LSTR CLARE-PLA110LSTR Datasheet
146Kb / 6P
Single Pole OptoMOS Relays
logo
IXYS Corporation
PLA110LSTR IXYS-PLA110LSTR Datasheet
124Kb / 7P
Single Pole, Normally Open OptoMOS Relay
More results

Similar Description - PLA110LS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVT412 IRF-PVT412 Datasheet
174Kb / 5P
Microelectronic Power IC Relay Single Pole, Normally Open, 0-400V, 140mA AC/DC
PVU414 IRF-PVU414 Datasheet
205Kb / 4P
Microelectronic Power IC Relay Single Pole, Normally Open 0-400V, 140mA AC/DC
logo
Micrel Semiconductor
MIC5301 MICREL-MIC5301 Datasheet
406Kb / 11P
Single, 150mA 關Cap ULDO?
MIC5365 MICREL-MIC5365 Datasheet
421Kb / 15P
High Performance Single 150mA LDO
MIC5301 MICREL-MIC5301_08 Datasheet
419Kb / 11P
Single, 150mA 關Cap ULDO
MIC5365_0909 MICREL-MIC5365_0909 Datasheet
336Kb / 15P
High Performance Single 150mA LDO
MIC5317 MICREL-MIC5317 Datasheet
1Mb / 17P
High-Performance Single 150mA LDO
logo
International Rectifier
PVA33NPBF IRF-PVA33NPBF Datasheet
1Mb / 6P
HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
logo
IXYS Corporation
CPC1025N IXYS-CPC1025N Datasheet
167Kb / 6P
400V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1225N IXYS-CPC1225N Datasheet
165Kb / 6P
400V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com