Electronic Components Datasheet Search
  English  ▼

X  

PLA110LS Datasheet(PDF) 3 Page - Littelfuse

Part # PLA110LS
Description  400V, 150mA Single-Pole
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

PLA110LS Datasheet(HTML) 3 Page - Littelfuse

  PLA110LS Datasheet HTML 1Page - Littelfuse PLA110LS Datasheet HTML 2Page - Littelfuse PLA110LS Datasheet HTML 3Page - Littelfuse PLA110LS Datasheet HTML 4Page - Littelfuse PLA110LS Datasheet HTML 5Page - Littelfuse PLA110LS Datasheet HTML 6Page - Littelfuse PLA110LS Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
PLA110L
www.ixysic.com
3
R09
LED Forward Voltage Drop (V)
1.364
1.366
1.368
1.370
1.372
0
5
10
15
20
25
30
Typical LED Forward Voltage Drop
(N=50, I
F=5mA)
Typical Turn-On Time
(N=50, I
F=5mA, IL=150mADC)
0.21
0.33
0.45
0.15
0.27
0.39
Turn-On Time (ms)
25
20
15
10
5
0
Typical Turn-Off Time
(N=50, I
F=5mA, IL=150mADC)
0.07
0.11
0.15
0.13
0.09
0.05
Turn-Off Time (ms)
25
20
15
10
5
0
Typical I
F for Switch Operation
(N=50, I
L=150mADC)
0.75
1.35
1.95
1.05
1.65
2.25
LED Current (mA)
25
20
15
10
5
0
Typical I
F for Switch Dropout
(N=50)
25
20
15
10
5
0
0.75
1.35
1.95
1.05
1.65
2.25
LED Current (mA)
Typical On-Resistance Distribution
(N=50, I
F=5mA, IL=150mADC)
35
30
25
20
15
10
5
0
13.7
14.9
16.1
13.1
14.3
15.5
On-Resistance ( )
Typical Blocking Voltage Distribution
(N=50)
35
30
25
20
15
10
5
0
450.5
468.5
486.5
441.5
459.5
477.5
Blocking Voltage (V
P)
Typical Turn-Off Time
vs. LED Forward Current
(I
L=150mADC)
Forward Current (mA)
0.12
0.10
0.08
0.06
0.04
0.02
0
0
5
10
15
20
25
30
35
40
45
50
Temperature (ºC)
-50
-25
0
25
50
75
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
Typical LED Forward Voltage Drop
vs. Temperature
I
F=10mA
I
F=5mA
I
F=2mA
Typical Turn-On Time
vs. LED Forward Current
(I
L=150mADC)
Forward Current (mA)
0
5
1015202530354045
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
50
PERFORMANCE DATA*
*Unless otherwise noted, data presented in these graphs is typical of device operation at 25ºC.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com