Electronic Components Datasheet Search
  English  ▼

X  

MAX7409 Datasheet(PDF) 4 Page - Analog Devices

Part # MAX7409
Description  5th-Order, Lowpass, Switched-Capacitor Filters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX7409 Datasheet(HTML) 4 Page - Analog Devices

  MAX7409 Datasheet HTML 1Page - Analog Devices MAX7409 Datasheet HTML 2Page - Analog Devices MAX7409 Datasheet HTML 3Page - Analog Devices MAX7409 Datasheet HTML 4Page - Analog Devices MAX7409 Datasheet HTML 5Page - Analog Devices MAX7409 Datasheet HTML 6Page - Analog Devices MAX7409 Datasheet HTML 7Page - Analog Devices MAX7409 Datasheet HTML 8Page - Analog Devices MAX7409 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
5th-Order, Lowpass,
Switched-Capacitor Filters
4
_______________________________________________________________________________________
COSC = 1000pF (Note 3)
CONDITIONS
21
30
38
fOSC
Internal Oscillator Frequency
MIN
TYP
MAX
SYMBOL
PARAMETER
IN = COM (Note 4)
SHDN = GND
Operating mode, no load
VCLK = 0 or 3V
0.5
VSDL
SHDN Input Low
2.5
VSDH
SHDN Input High
70
PSRR
Power-Supply Rejection Ratio
0.2
1
ISHDN
Shutdown Current
1.2
1.5
2.7
3.6
VDD
Supply Voltage
0.5
VIL
Clock Input Low
2.5
VIH
Clock Input High
±13.5
±20
ICLK
Clock Output Current
(Internal Oscillator Mode)
V
V
dB
µA
V
V
V
µA
kHz
UNITS
SHDN Input Leakage Current
V SHDN= 0 to VDD
0.2
±10
µA
FILTER CHARACTERISTICS
(VDD = +5V for MAX7409/MAX7410, VDD = +3V for MAX7413/MAX7414, filter output measured at OUT, 10kΩ || 50pF load to GND at
OUT, SHDN = VDD, fCLK = 100kHz, TA = TMIN to TMAX, unless otherwise noted.)
Note 1: The maximum fC is defined as the clock frequency fCLK = 100 x fC at which the peak S / (THD+N) drops to 68dB with a
sinusoidal input at 0.2fC.
Note 2: DC insertion gain is defined as
∆VOUT / ∆VIN.
Note 3: fOSC (kHz) ≅ 30 x 103 / COSC (pF).
Note 4: PSRR is the change in output voltage from a VDD of 4.5V and a VDD of 5.5V.
CLOCK
POWER REQUIREMENTS
SHUTDOWN
CONDITIONS
UNITS
MIN
TYP
MAX
PARAMETER
mA
IDD
Supply Current
ELECTRICAL CHARACTERISTICS—MAX7413/MAX7414 (continued)
(VDD = +3V, filter output measured at OUT pin, 10kΩ || 50pF load to GND at OUT, OS = COM, 0.1µF capacitor from COM to GND,
SHDN = VDD, fCLK = 100kHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
fIN = 0.5fC
-1
-0.74
fIN = fC
-3.6
-3.0
-2.4
fIN = 4fC
-41.0
-35
fIN = 7fC
dB
-64.3
-58
fIN = 0.5fC
dB
-0.3
0
fIN = 3fC
fIN = fC
-3.6
-3.0
-2.4
Insertion Gain Relative to
DC Gain
-47.5
-43
fIN = 5fC
-70
-65
Insertion Gain Relative to
DC Gain
BESSEL FILTERS—MAX7409/MAX7413
BUTTERWORTH FILTERS—MAX7410/MAX7414



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com