Electronic Components Datasheet Search
  English  ▼

X  

MAX7409 Datasheet(PDF) 7 Page - Analog Devices

Part # MAX7409
Description  5th-Order, Lowpass, Switched-Capacitor Filters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX7409 Datasheet(HTML) 7 Page - Analog Devices

Back Button MAX7409 Datasheet HTML 3Page - Analog Devices MAX7409 Datasheet HTML 4Page - Analog Devices MAX7409 Datasheet HTML 5Page - Analog Devices MAX7409 Datasheet HTML 6Page - Analog Devices MAX7409 Datasheet HTML 7Page - Analog Devices MAX7409 Datasheet HTML 8Page - Analog Devices MAX7409 Datasheet HTML 9Page - Analog Devices MAX7409 Datasheet HTML 10Page - Analog Devices MAX7409 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
5th-Order, Lowpass,
Switched-Capacitor Filters
_______________________________________________________________________________________
7
NAME
FUNCTION
1
COM
Common Input Pin. Biased internally at midsupply. Bypass COM externally to GND with a 0.1µF capacitor.
To override internal biasing, drive COM with an external supply.
2
IN
Filter Input
PIN
3
GND
Ground
4
VDD
Positive Supply Input: +5V for MAX7409/MAX7410, +3V for MAX7413/MAX7414.
8
CLK
Clock Input. Connect an external capacitor (COSC) from CLK to ground: fOSC (kHz) = 30 x 103 / COSC (pF).
To override the internal oscillator, connect CLK to an external clock: fC = fCLK /100.
7
SHDN
Shutdown Input. Drive low to enable shutdown mode; drive high or connect to VDD for normal operation.
6
OS
Offset Adjust Input. To adjust output offset, connect OS to an external supply through a resistive voltage-
divider (Figure 3). Connect OS to COM if no offset adjustment is needed. Refer to the
Offset and Common-
Mode Input Adjustment section.
5
OUT
Filter Output
Pin Description
_______________Detailed Description
The MAX7409/MAX7413 Bessel filters provide low over-
shoot and fast settling responses, and the MAX7410/
MAX7414 Butterworth filters provide a maximally flat
passband response. All parts operate with a 100:1
clock-to-corner frequency ratio and a 15kHz maximum
corner frequency.
Bessel Characteristics
Lowpass Bessel filters such as the MAX7409/MAX7413
delay all frequency components equally, preserving the
shape of step inputs (subject to the attenuation of the
higher frequencies). Bessel filters settle quickly—an
important characteristic in applications that use a multi-
plexer (mux) to select an input signal for an analog-to-
digital converter (ADC). An anti-aliasing filter placed
between the mux and the ADC must settle quickly after
a new channel is selected.
Butterworth Characteristics
Lowpass Butterworth filters such as the MAX7410/
MAX7414 provide a maximally flat passband response,
making them ideal for instrumentation applications that
require minimum deviation from the DC gain throughout
the passband.
Typical Operating Characteristics (continued)
(VDD = +5V for MAX7409/MAX7410, VDD = +3V for MAX7413/MAX7414, fCLK = 100kHz, SHDN = VDD, COM = OS = VDD / 2, TA = +25°C,
unless otherwise noted.)
-4.50
-4.00
-4.25
-3.50
-3.75
-3.25
-3.00
-40
20
40
-20
0
60
80
100
OUTPUT OFFSET VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
VDD = +3V
VDD = +5V
-5.0
-4.0
-4.5
-3.0
-3.5
-2.5
-2.0
2.5
3.5
4.0
3.0
4.5
5.0
5.5
OUTPUT OFFSET VOLTAGE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com