Electronic Components Datasheet Search
  English  ▼

X  

MAX7409 Datasheet(PDF) 3 Page - Analog Devices

Part # MAX7409
Description  5th-Order, Lowpass, Switched-Capacitor Filters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX7409 Datasheet(HTML) 3 Page - Analog Devices

  MAX7409 Datasheet HTML 1Page - Analog Devices MAX7409 Datasheet HTML 2Page - Analog Devices MAX7409 Datasheet HTML 3Page - Analog Devices MAX7409 Datasheet HTML 4Page - Analog Devices MAX7409 Datasheet HTML 5Page - Analog Devices MAX7409 Datasheet HTML 6Page - Analog Devices MAX7409 Datasheet HTML 7Page - Analog Devices MAX7409 Datasheet HTML 8Page - Analog Devices MAX7409 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
5th-Order, Lowpass,
Switched-Capacitor Filters
_______________________________________________________________________________________
3
5th-Order, Lowpass,
Switched-Capacitor Filters
ELECTRICAL CHARACTERISTICS—MAX7409/MAX7410
(VDD = +5V, filter output measured at OUT, 10kΩ || 50pF load to GND at OUT, OS = COM, 0.1µF capacitor from COM to GND,
SHDN = VDD, fCLK = 100kHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
ELECTRICAL CHARACTERISTICS—MAX7413/MAX7414
(VDD = +3V, filter output measured at OUT pin, 10kΩ || 50pF load to GND at OUT, OS = COM, 0.1µF capacitor from COM to GND,
SHDN = VDD, fCLK = 100kHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
CONDITIONS
MIN
TYP
MAX
SYMBOL
PARAMETER
IN = COM (Note 4)
SHDN = GND
Operating mode, no load
0.5
VSDL
SHDN Input Low
4.5
VSDH
SHDN Input High
70
PSRR
Power-Supply Rejection Ratio
0.2
1
I SHDN
Shutdown Current
1.2
1.5
Supply Current
IDD
4.5
5.5
VDD
Supply Voltage
V
V
dB
µA
mA
V
UNITS
SHDN Input Leakage Current
V SHDN = 0 to VDD
±0.2
±10
µA
POWER REQUIREMENTS
SHUTDOWN
µA
±0.1
±10
VOS = 0 to VDD
Input Leakage Current at OS
µA
±0.1
±10
SHDN = GND, VCOM = 0 to VDD
Input Leakage Current at COM
Maximum Capacitive Output
Load Drive
UNITS
kHz
ppm/°C
V
mV
dB
dB
V/V
V
V
mVp-p
k
Ω
pF
PARAMETER
SYMBOL
MIN
TYP
MAX
DC Insertion Gain with
Output Offset Removed
-0.2
0
+0.2
Output Offset Voltage
VOFFSET
±4
±25
Output Voltage Range
0.25
VDD - 0.25
Clock-to-Corner Tempco
10
Total Harmonic Distortion
plus Noise
THD+N
-83
Offset Voltage Gain
AOS
1
Corner Frequency
fC
0.001 to 15
Clock-to-Corner Ratio
fCLK / fC
100:1
COM Voltage Range
VCOM
1.4
1.5
1.6
VCOM ±0.1
Clock Feedthrough
3
Resistance Output Load Drive
RL
10
1
CL
50
500
CONDITIONS
VCOM = VDD / 2 (Note 2)
VIN = VCOM = VDD / 2
fIN = 200Hz, VIN = 2.5Vp-p,
measurement bandwidth = 22kHz
Input, COM externally driven
OS to OUT
Input, OS externally driven
(Note 1)
1.4
1.5
1.6
k
Ω
Input Resistance at COM
RCOM
110
180
Input Voltage Range at OS
VOS
MAX7413
MAX7414
-81
FILTER CHARACTERISTICS
V
Output, COM unconnected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com