Electronic Components Datasheet Search
  English  ▼

X  

MAX7409 Datasheet(PDF) 6 Page - Analog Devices

Part # MAX7409
Description  5th-Order, Lowpass, Switched-Capacitor Filters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX7409 Datasheet(HTML) 6 Page - Analog Devices

Back Button MAX7409 Datasheet HTML 2Page - Analog Devices MAX7409 Datasheet HTML 3Page - Analog Devices MAX7409 Datasheet HTML 4Page - Analog Devices MAX7409 Datasheet HTML 5Page - Analog Devices MAX7409 Datasheet HTML 6Page - Analog Devices MAX7409 Datasheet HTML 7Page - Analog Devices MAX7409 Datasheet HTML 8Page - Analog Devices MAX7409 Datasheet HTML 9Page - Analog Devices MAX7409 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
5th-Order, Lowpass,
Switched-Capacitor Filters
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VDD = +5V for MAX7409/MAX7410, VDD = +3V for MAX7413/MAX7414, fCLK = 100kHz, SHDN = VDD, COM = OS = VDD / 2, TA = +25°C,
unless otherwise noted.)
-90
-70
-80
-50
-60
-40
-30
-10
-20
0
0
1.0
2.0
3.0
4.0
5.0
0.5
1.5
2.5
3.5
4.5
MAX7409
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. INPUT SIGNAL AMPLITUDE
AMPLITUDE (Vp-p)
A
B
SEE TABLE A
-90
-70
-80
-50
-60
-40
-30
-10
-20
0
0
1.0
2.0
3.0
4.0
5.0
0.5
1.5
2.5
3.5
4.5
MAX7410
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. INPUT SIGNAL AMPLITUDE
AMPLITUDE (Vp-p)
A
B
SEE TABLE A
-90
-70
-80
-50
-60
-40
-30
-10
-20
0
0
0.5
1.0
1.5
2.0
2.5
3.0
MAX7413
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. INPUT SIGNAL AMPLITUDE
AMPLITUDE (Vp-p)
A
B
SEE TABLE A
-90
-70
-80
-50
-60
-40
-30
-10
-20
0
0
0.5
1.0
1.5
2.0
2.5
3.0
MAX7414
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. INPUT SIGNAL AMPLITUDE
AMPLITUDE (Vp-p)
A
B
SEE TABLE A
0
4
2
8
6
10
12
0
150
200
50
100
250
300
350
INTERNAL OSCILLATOR PERIOD
vs. LARGE CAPACITANCE
CAPACITANCE (nF)
VDD = +5V
VDD = +3V
1.11
1.13
1.12
1.15
1.14
1.18
1.17
1.16
1.19
-40
0
-20
20
40
60
80
100
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
VDD = +5V
VDD = +3V
0
40
20
80
60
100
120
0
1500 2000
500
1000
2500 3000 3500
INTERNAL OSCILLATOR PERIOD
vs. SMALL CAPACITANCE
CAPACITANCE (pF)
VDD = +5V
VDD = +3V
29.4
29.5
29.6
29.7
29.8
29.9
30.0
30.1
30.2
2.5
3.5
3.0
4.0
4.5
5.0
5.5
INTERNAL OSCILLATOR FREQUENCY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
COSC = 1000pF
29.0
29.5
30.5
30.0
31.0
31.5
-40
0
-20
20
40
60
80
100
INTERNAL OSCILLATOR FREQUENCY
vs. TEMPERATURE
TEMPERATURE (°C)
VDD = +5V
VDD = +3V
COSC = 1000pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com