Electronic Components Datasheet Search
  English  ▼

X  

MAX7401ESA Datasheet(PDF) 5 Page - Analog Devices

Part # MAX7401ESA
Description  8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX7401ESA Datasheet(HTML) 5 Page - Analog Devices

  MAX7401ESA Datasheet HTML 1Page - Analog Devices MAX7401ESA Datasheet HTML 2Page - Analog Devices MAX7401ESA Datasheet HTML 3Page - Analog Devices MAX7401ESA Datasheet HTML 4Page - Analog Devices MAX7401ESA Datasheet HTML 5Page - Analog Devices MAX7401ESA Datasheet HTML 6Page - Analog Devices MAX7401ESA Datasheet HTML 7Page - Analog Devices MAX7401ESA Datasheet HTML 8Page - Analog Devices MAX7401ESA Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
8th-Order, Lowpass, Bessel,
Switched-Capacitor Filters
_______________________________________________________________________________________
5
-70
-50
-60
-40
-10
0
-20
-30
10
012345
FREQUENCY RESPONSE
INPUT FREQUENCY (kHz)
fC = 1kHz
-3.5
-2.5
-3.0
-2.0
-0.5
0
-1.0
-1.5
0.5
0
202
404
606
808
1010
PASSBAND FREQUENCY RESPONSE
INPUT FREQUENCY (Hz)
fC = 1kHz
1.97
1.99
1.98
2.01
2.00
2.02
2.03
-40
20
40
-20
0
60
80
100
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
NO LOAD
MAX7401
MAX7405
10,000
0.1
0.01
0.1
1
10
100
1000
INTERNAL OSCILLATOR FREQUENCY
vs. COSC CAPACITANCE
1
COSC CAPACITANCE (nF)
10
100
1000
-20
-15
-10
-5
0
5
10
15
20
2.5
3.5
3.0
4.0
4.5
5.0
5.5
OFFSET VOLTAGE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
MAX7401
VIN = VCOM = VDD / 2
MAX7405
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
2.5
3.5
3.0
4.0
4.5
5.0
5.5
NORMALIZED OSCILLATOR FREQUENCY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
COSC = 390pF
MAX7401
MAX7405
-400
-300
-350
-250
-100
-50
-150
-200
0
0
400
800
1200
1600
2000
PHASE RESPONSE
INPUT FREQUENCY (Hz)
fC = 1kHz
1.5
1.8
1.7
1.6
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.5
3.5
3.0
4.0
4.5
5.0
5.5
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
NO LOAD
MAX7405
MAX7401
-1.5
-1.0
0
-0.5
0.5
1.0
-40
0
-20
20
40
60
80
100
OFFSET VOLTAGE vs. TEMPERATURE
TEMPERATURE (°C)
VIN = VCOM = VDD / 2
Typical Operating Characteristics
(VDD = +5V for MAX7401, VDD = +3V for MAX7405; fCLK = 100kHz; SHDN = VDD; VCOM = VOS = VDD / 2; TA = +25°C; unless otherwise
noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com