Electronic Components Datasheet Search
  English  ▼

X  

MAX7401ESA Datasheet(PDF) 8 Page - Analog Devices

Part # MAX7401ESA
Description  8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX7401ESA Datasheet(HTML) 8 Page - Analog Devices

Back Button MAX7401ESA Datasheet HTML 4Page - Analog Devices MAX7401ESA Datasheet HTML 5Page - Analog Devices MAX7401ESA Datasheet HTML 6Page - Analog Devices MAX7401ESA Datasheet HTML 7Page - Analog Devices MAX7401ESA Datasheet HTML 8Page - Analog Devices MAX7401ESA Datasheet HTML 9Page - Analog Devices MAX7401ESA Datasheet HTML 10Page - Analog Devices MAX7401ESA Datasheet HTML 11Page - Analog Devices MAX7401ESA Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8th-Order, Lowpass, Bessel,
Switched-Capacitor Filters
8
_______________________________________________________________________________________
A switched-capacitor filter such as the MAX7401/
MAX7405 emulates a passive ladder filter. The filter’s
component sensitivity is low when compared to a cas-
caded biquad design because each component affects
the entire filter shape, not just one pole-zero pair. In other
words, a mismatched component in a biquad design will
have a concentrated error on its respective poles, while
the same mismatch in a ladder filter design results in an
error distributed over all poles.
Clock Signal
External Clock
The MAX7401/MAX7405 family of SCFs is designed for
use with external clocks that have a 40% to 60% duty
cycle. When using an external clock with these devices,
drive CLK with a CMOS gate powered from 0 to VDD.
Varying the rate of the external clock adjusts the corner
frequency of the filter as follows:
fC = fCLK / 100
Internal Clock
When using the internal oscillator, connect a capacitor
(COSC) between CLK and ground. The value of the
capacitor determines the oscillator frequency as follows:
where K = 38 for MAX7401 and K = 34 for MAX7405.
Minimize the stray capacitance at CLK so that it does
not affect the internal oscillator frequency. Vary the rate
of the internal oscillator to adjust the filter’s corner fre-
quency by a 100:1 clock-to-corner frequency ratio. For
example, an internal oscillator frequency of 100kHz
produces a nominal corner frequency of 1kHz.
Input Impedance vs. Clock Frequencies
The MAX7401/MAX7405’s input impedance is effectively
that of a switched-capacitor resistor and is inversely pro-
portional to frequency. The input impedance values
determined below represent the average input imped-
ance since the input current is not continuous. As a rule,
use a driver with an output impedance less than 10% of
the filter’s input impedance. Estimate the input imped-
ance of the filter using the following formula:
where fCLK = clock frequency and CIN = 3.37pF.
Low-Power Shutdown Mode
These devices feature a shutdown mode that is activat-
ed by driving SHDN low. In shutdown mode, the filter’s
supply current reduces to 0.2µA (typ) and its output
becomes high impedance. For normal operation, drive
SHDN high or connect to VDD.
___________Applications Information
Offset and Common-Mode
Input Adjustment
The voltage at COM sets the common-mode input volt-
age and is biased at mid-supply with an internal resistor-
divider. Bypass COM with a 0.1µF capacitor and
connect OS to COM. For applications requiring offset
adjustment or DC level shifting, apply an external bias
voltage through a resistor-divider network to OS, as
shown in Figure 3. (Note: Do not leave OS unconnect-
ed.) The output voltage is represented by this equation:
VOUT = (VIN - VCOM) + VOS
with VCOM = VDD / 2 (typical), and where (VIN - VCOM) is
lowpass filtered by the SCF, and VOS is added at the
output stage. See the
Electrical Characteristics for the
voltage range of COM and OS. Changing the voltage on
COM or OS significantly from mid-supply reduces the fil-
ter’s dynamic range.
Power Supplies
The MAX7401 operates from a single +5V supply, and
the MAX7405 operates from a single +3V supply.
Bypass VDD to GND with a 0.1µF capacitor. If dual sup-
plies are required (±2.5V for MAX7401, ±1.5V for
MAX7405), connect COM to system ground and connect
Z
1
f
C
IN
CLK
IN
= ()
⋅
f
(kHz)
K10
C
; C
in pF
OSC
3
OSC
OSC
=
⋅
VDD
VSUPPLY
IN
CLK
GND
INPUT
OUTPUT
50k
50k
50k
OUT
0.1
µF
0.1
µF
0.1
µF
CLOCK
SHDN
COM
OS
MAX7401
MAX7405
Figure 3. Offset Adjustment Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com