Electronic Components Datasheet Search
  English  ▼

X  

MAX7401ESA Datasheet(PDF) 1 Page - Analog Devices

Part # MAX7401ESA
Description  8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX7401ESA Datasheet(HTML) 1 Page - Analog Devices

  MAX7401ESA Datasheet HTML 1Page - Analog Devices MAX7401ESA Datasheet HTML 2Page - Analog Devices MAX7401ESA Datasheet HTML 3Page - Analog Devices MAX7401ESA Datasheet HTML 4Page - Analog Devices MAX7401ESA Datasheet HTML 5Page - Analog Devices MAX7401ESA Datasheet HTML 6Page - Analog Devices MAX7401ESA Datasheet HTML 7Page - Analog Devices MAX7401ESA Datasheet HTML 8Page - Analog Devices MAX7401ESA Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
General Description
The MAX7401/MAX7405 8th-order, lowpass, Bessel,
switched-capacitor filters (SCFs) operate from a single
+5V (MAX7401) or +3V (MAX7405) supply. These
devices draw only 2mA of supply current and allow cor-
ner frequencies from 1Hz to 5kHz, making them ideal
for low-power post-DAC filtering and anti-aliasing appli-
cations. They feature a shutdown mode that reduces
supply current to 0.2µA.
Two clocking options are available on these devices:
self-clocking (through the use of an external capacitor)
or external clocking for tighter corner-frequency control.
An offset adjust pin allows for adjustment of the DC out-
put level.
The MAX7401/MAX7405 Bessel filters provide low over-
shoot and fast settling. Their fixed response simplifies
the design task to selecting a clock frequency.
Applications
ADC Anti-Aliasing
CT2 Base Stations
Post-DAC Filtering
Speech Processing
Air-Bag Electronics
Features
o 8th-Order, Lowpass Bessel Filters
o Low Noise and Distortion: -82dB THD + Noise
o Clock-Tunable Corner Frequency (1Hz to 5kHz)
o 100:1 Clock-to-Corner Ratio
o Single-Supply Operation
+5V (MAX7401)
+3V (MAX7405)
o Low Power
2mA (Operating Mode)
0.2µA (Shutdown Mode)
o Available in 8-Pin SO/DIP Packages
o Low Output Offset: ±5mV
8th-Order, Lowpass, Bessel,
Switched-Capacitor Filters
________________________________________________________________
Maxim Integrated Products
1
OS
OUT
VDD
1
2
8
7
CLK
SHDN
IN
GND
COM
SO/DIP
TOP VIEW
3
4
6
5
MAX7401
MAX7405
VDD
IN
CLK
OUT
GND
INPUT
0.1
µF
0.1
µF
CLOCK
SHDN
OUTPUT
VSUPPLY
COM
OS
MAX7401
MAX7405
Typical Operating Circuit
19-4788; Rev 1; 6/99
Pin Configuration
Ordering Information
PART
MAX7401CPA
MAX7401ESA
MAX7401EPA
-40°C to +85°C
-40°C to +85°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
8 Plastic DIP
8 SO
8 Plastic DIP
MAX7405CSA
MAX7405CPA
MAX7405ESA
MAX7405EPA
-40°C to +85°C
-40°C to +85°C
0°C to +70°C
0°C to +70°C
8 SO
8 Plastic DIP
8 SO
8 Plastic DIP
MAX7401CSA
0°C to +70°C
8 SO


Similar Part No. - MAX7401ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7401ESA MAXIM-MAX7401ESA Datasheet
197Kb / 12P
8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
19-4788; Rev 1; 6/99
More results

Similar Description - MAX7401ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX291 MAXIM-MAX291 Datasheet
383Kb / 8P
8th-Order, Lowpass, Switched-Capacitor Filters
Rev 1; 8/03
MAX293 MAXIM-MAX293 Datasheet
345Kb / 8P
8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
Rev 0; 6/92
MAX7400 MAXIM-MAX7400 Datasheet
190Kb / 12P
8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-4764; Rev 2; 6/99
MAX7401 MAXIM-MAX7401 Datasheet
197Kb / 12P
8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
19-4788; Rev 1; 6/99
MAX7409 MAXIM-MAX7409 Datasheet
134Kb / 12P
5th-Order, Lowpass, Switched-Capacitor Filters
19-4766; Rev 1; 9/98
MAX7418 MAXIM-MAX7418 Datasheet
407Kb / 14P
5th-Order, Lowpass, Switched-Capacitor Filters
MAX7426 MAXIM-MAX7426 Datasheet
209Kb / 12P
5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1710; Rev 0; 4/00
MAX7480 MAXIM-MAX7480 Datasheet
87Kb / 8P
8th-Order, Lowpass, Butterworth, Switched-Capacitor Filter
19-1416; Rev 0; 1/99
MAX291 MAXIM-MAX291_09 Datasheet
126Kb / 10P
8th-Order, Lowpass, Switched-Capacitor Filters
Rev 4; 4/09
MAX291 MAXIM-MAX291_V01 Datasheet
350Kb / 10P
8th-Order, Lowpass, Switched-Capacitor Filters
19-4526; Rev 5; 5/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com