Electronic Components Datasheet Search
  English  ▼

X  

MAX7401ESA Datasheet(PDF) 7 Page - Analog Devices

Part # MAX7401ESA
Description  8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX7401ESA Datasheet(HTML) 7 Page - Analog Devices

Back Button MAX7401ESA Datasheet HTML 3Page - Analog Devices MAX7401ESA Datasheet HTML 4Page - Analog Devices MAX7401ESA Datasheet HTML 5Page - Analog Devices MAX7401ESA Datasheet HTML 6Page - Analog Devices MAX7401ESA Datasheet HTML 7Page - Analog Devices MAX7401ESA Datasheet HTML 8Page - Analog Devices MAX7401ESA Datasheet HTML 9Page - Analog Devices MAX7401ESA Datasheet HTML 10Page - Analog Devices MAX7401ESA Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
8th-Order, Lowpass, Bessel,
Switched-Capacitor Filters
_______________________________________________________________________________________
7
NAME
FUNCTION
1
COM
Common Input. Biased internally at mid-supply. Bypass externally to GND with a 0.1µF capacitor. To over-
ride internal biasing, drive with an external supply.
2
IN
Filter Input
PIN
3
GND
Ground
4
VDD
Positive Supply Input: +5V for MAX7401, +3V for MAX7405
8
CLK
Clock Input. To override the internal oscillator, connect to an external clock; otherwise, connect an external
capacitor (COSC) from CLK to GND to set the internal oscillator frequency.
7
SHDN
Shutdown Input. Drive low to enable shutdown mode; drive high or connect to VDD for normal operation.
6
OS
Offset Adjust Input. To adjust output offset, bias OS externally. Connect OS to COM if no offset adjustment is
needed. Refer to
Offset and Common-Mode Input Adjustment section.
5
OUT
Filter Output
Pin Description
_______________Detailed Description
The MAX7401/MAX7405 Bessel filters provide low over-
shoot and fast settling responses. Both parts operate
with a 100:1 clock-to-corner frequency ratio and a 5kHz
maximum corner frequency.
Lowpass Bessel filters such as the MAX7401/MAX7405
delay all frequency components equally, preserving the
shape of step inputs (subject to the attenuation of the
higher frequencies). Bessel filters settle quickly—an
important characteristic in applications that use a multi-
plexer (mux) to select an input signal for an analog-to-
digital converter (ADC). An anti-aliasing filter placed
between the mux and the ADC must settle quickly after
a new channel is selected.
Figure 1 shows the difference between Bessel and
Butterworth filters when a 1kHz square wave is applied
to the filter input. With the filter cutoff frequencies set at
5kHz, trace B shows the Bessel filter response and
trace C shows the Butterworth filter response.
Background Information
Most switched-capacitor filters (SCFs) are designed with
biquadratic sections. Each section implements two filter-
ing poles, and the sections are cascaded to produce
higher order filters. The advantage to this approach is
ease of design. However, this type of design is highly
sensitive to component variations if any section’s Q is
high. An alternative approach is to emulate a passive net-
work using switched-capacitor integrators with summing
and scaling. Figure 2 shows a basic 8th-order ladder filter
structure.
A
2V/div
2V/div
2V/div
C
A: 1kHz INPUT SIGNAL
B: BESSEL FILTER RESPONSE; fC = 5kHz
C: BUTTERWORTH FILTER RESPONSE; fC = 5kHz
B
200
µs/div
Figure 1. Bessel vs. Butterworth Filter Response
L3
L5
L7
C8
R2
C4
C2
VIN
+
-
V0
L1
R1
C6
Figure 2. 8th-Order Ladder Filter Network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com