Electronic Components Datasheet Search
  English  ▼

X  

HV861 Datasheet(PDF) 3 Page - Microchip Technology

Part # HV861
Description  Low-Noise Dimmable Dual EL Lamp Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV861 Datasheet(HTML) 3 Page - Microchip Technology

  HV861 Datasheet HTML 1Page - Microchip Technology HV861 Datasheet HTML 2Page - Microchip Technology HV861 Datasheet HTML 3Page - Microchip Technology HV861 Datasheet HTML 4Page - Microchip Technology HV861 Datasheet HTML 5Page - Microchip Technology HV861 Datasheet HTML 6Page - Microchip Technology HV861 Datasheet HTML 7Page - Microchip Technology HV861 Datasheet HTML 8Page - Microchip Technology HV861 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
2023-2026 Microchip Technology Inc. and its subsidiaries
DS20005911B-page 3
HV861
Typical Application Circuit
100μH
3.3MΩ
2.0MΩ
825kΩ
V
DD = 3.0V
0.1μF
2.2μF
Input Logic Control:
ON = 1.5 to V
DD
OFF = 0 to 0.2V
GND
EN1
VDD
1
2
3
4
8
7
6
5
9
10
11
12
14
15
16
13
PWM
VREF
EN2
RSW-Osc
REL-Osc
VREG
VOUT
LX
CS
EL1
COM1
EL2
COM2
HV861
EL1
EL2
3.3nF
100V NPO
1N4148
4.7μF
V
IN = 3.2 to 4.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com