Electronic Components Datasheet Search
  English  ▼

X  

HV861 Datasheet(PDF) 6 Page - Microchip Technology

Part # HV861
Description  Low-Noise Dimmable Dual EL Lamp Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV861 Datasheet(HTML) 6 Page - Microchip Technology

Back Button HV861 Datasheet HTML 2Page - Microchip Technology HV861 Datasheet HTML 3Page - Microchip Technology HV861 Datasheet HTML 4Page - Microchip Technology HV861 Datasheet HTML 5Page - Microchip Technology HV861 Datasheet HTML 6Page - Microchip Technology HV861 Datasheet HTML 7Page - Microchip Technology HV861 Datasheet HTML 8Page - Microchip Technology HV861 Datasheet HTML 9Page - Microchip Technology HV861 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
HV861
DS20005911B-page 6
2023-2026 Microchip Technology Inc. and its subsidiaries
2.0
PIN DESCRIPTION
The details on the pins of HV861 are listed in Table 2-1.
Refer to
Package Type for the location of pins.
TABLE 2-1:
PIN FUNCTION TABLE
Pin Number
Pin Name
Description
1
REL-Osc
External resistor from REL-Osc to VDD sets the EL frequency. The EL frequency is
inversely proportional to the external REL resistor value. Reducing the resistor
value by a factor of two results in an increase in the EL frequency by two.
2
RSW-Osc
External resistor from RSW-Osc to VDD sets the switch converter frequency. The
switch converter frequency is inversely proportional to the external RSW resistor
value. Reducing the resistor value by a factor of two results in an increase in the
switch converter frequency by two.
3
VDD
Low-voltage input supply pin
4
EN1
Enable input signal for EL Lamp 1. CMOS logic input pin. (Refer to Table 3-2.)
5
EN2
Enable input signal for EL Lamp 2. CMOS logic input pin. (Refer to Table 3-2.)
6
GND
Device ground
7
LX
Drain of internal switching MOSFET. Connection for an external inductor. The
inductor LX is used to boost the low-input voltage by inductive flyback. When the
internal switch is on, the inductor is being charged. When the internal switch is off,
the charge stored in the inductor is transferred to the high-voltage capacitor, CS.
The energy stored in the capacitor is connected to the internal H-bridge, and there-
fore to the EL lamp. In general, smaller value inductors, which can handle more
current, are more suitable to drive larger size lamps. As the inductor value
decreases, the switching frequency of the inductor (controlled by RSW) should be
increased to avoid saturation.
8
CS
Connect a 100V capacitor between this pin and ground. This capacitor stores the
energy transferred from the inductor.
9
EL2
EL Lamp 2 connection
10
COM2
Common connection for EL2 Lamp
11
COM1
Common connection for EL1 Lamp
12
EL1
EL Lamp 1 connection
13
PWM
PWM pulse input for EL lamp dimming. The duty cycle of the PWM signal is
inversely proportional to the output voltage. If PWM dimming is not desired, then
the PWM pin should be tied to ground.
14
VOUT
Switched internal reference voltage
15
VREG
Input voltage to set VCS regulation voltage. This pin allows an external voltage
source to control the VCS amplitude. EL lamp dimming can be accomplished by
varying the input voltage to VREG. The VCS voltage is approximately 71 times the
voltage seen on VREG. External resistor connected between VREG and VOUT pins
controls the VCS charging rate. The charging rate is inversely proportional to the
resistor value.
fEL 2M
190Hz
REL
------------------------------------
=
fSW 825k
100kHz
RSW
------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com