Electronic Components Datasheet Search
  English  ▼

X  

HV861 Datasheet(PDF) 5 Page - Microchip Technology

Part # HV861
Description  Low-Noise Dimmable Dual EL Lamp Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV861 Datasheet(HTML) 5 Page - Microchip Technology

  HV861 Datasheet HTML 1Page - Microchip Technology HV861 Datasheet HTML 2Page - Microchip Technology HV861 Datasheet HTML 3Page - Microchip Technology HV861 Datasheet HTML 4Page - Microchip Technology HV861 Datasheet HTML 5Page - Microchip Technology HV861 Datasheet HTML 6Page - Microchip Technology HV861 Datasheet HTML 7Page - Microchip Technology HV861 Datasheet HTML 8Page - Microchip Technology HV861 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
2023-2026 Microchip Technology Inc. and its subsidiaries
DS20005911B-page 5
HV861
Switching Transistor Frequency
fSW
84
100
116
kHz RSW = 825 kΩ
Switching Transistor Duty Cycle
D
—
88
—
%
Input PWM Frequency
PWM
10
—
100
kHz
LOGIC INPUTS
Enable Input Logic High Voltage
VIH
1.5
—
VDD
V
VDD = 2.5V to 4.5V
Enable Input Logic Low Voltage
VIL
0
—
0.2
V
VDD = 2.5V to 4.5V
Enable Input Logic High Current
IIH
—
—
1
µA
VIH = VDD = 2.5V to 4.5V
Enable Input Logic Low Current
IIL
—
—
–1
µA
VIL = 0V, VDD = 2.5V to
4.5V
Enable Input Capacitance
CIN
—
—
15
pF
TEMPERATURE SPECIFICATIONS
Parameter
Sym.
Min. Typ. Max. Unit
Conditions
TEMPERATURE RANGE
Operating Ambient Temperature Range
TA
–40
—
+85
°C
Storage Temperature Range
TS
–65
—
+150
°C
PACKAGE THERMAL RESISTANCE
16-lead WQFN
JA
—
33
—
°C/W
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: Over recommended operating conditions unless otherwise specified.
Parameter
Sym.
Min. Typ. Max. Unit
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com