Electronic Components Datasheet Search
  English  ▼

X  

IM03CGR Datasheet(PDF) 8 Page - Tyco Electronics

Part # IM03CGR
Description  The Best Relaytion
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

IM03CGR Datasheet(HTML) 8 Page - Tyco Electronics

Back Button IM03CGR Datasheet HTML 3Page - Tyco Electronics IM03CGR Datasheet HTML 4Page - Tyco Electronics IM03CGR Datasheet HTML 5Page - Tyco Electronics IM03CGR Datasheet HTML 6Page - Tyco Electronics IM03CGR Datasheet HTML 7Page - Tyco Electronics IM03CGR Datasheet HTML 8Page - Tyco Electronics IM03CGR Datasheet HTML 9Page - Tyco Electronics IM03CGR Datasheet HTML 10Page - Tyco Electronics IM03CGR Datasheet HTML 11Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
General data
Operate time at U
nom typ. / max.
Reset time (latching) at U
nom , typ. / max.
Release time without diode in parallel (non-latching), typ. / max.
Release time with diode in parallel (non-latching), typ. / max.
Bounce time at closing contact, typ. / max.
Maximum switching rate without load
Ambient temperature
Thermal resistance
Maximum permissible coil temperature
Vibration resistance (function)
Shock resistance, half sinus, 11 ms
half sinus, 0.5 ms
Degree of protection / Environmental protection
Needle flame test
Mounting position
Processing information
Weight (mass)
Terminal surface
Moisture sensitive level (JEDEC J-STD-020B)
Resistance to soldering heat
1 ms / 3 ms
1 ms /3 ms
1 ms / 3 ms
3 ms / 5 ms
1 ms / 5 ms
50 operations/s
-40° C ... +85° C
< 150 K/W
125° C
20 G
10 to 1000 Hz
50 G (function)
500 G (damage)
immersion cleanable, IP 67 / RT V
application time 20 s, no burning and glowing
any
Ultrasonic cleaning is not recommended
max. 0.75 g
NiPdAu
MSL 3
260° C / 10 s
IM Relay
All data refers to 23° C unless otherwise specified.
Page 8 (11)
108-98001 Rev. D
Recommended soldering conditions
Soldering conditions according IEC 60058-2-58 and
IPC/JEDEC J-STD-020B
Vapor Phase Soldering: Temperature/Time Profile
(Lead and Housing Peak Temperature)
Infrared Soldering: Temperature/Time Profile
(Lead and Housing Peak Temperature)
240° C
180° C
130° C
100° C
20 - 40 sec
Full line:
typical
Dotted line: process limits
forced
cooling
Time (s)
Time (s)
Resistance to soldering heat - Reflow profile
Recommended reflow soldering profile
Infrared Soldering: Temperature/Time Profile
(Lead and Housing Peak Temperature)
Time (s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com