Electronic Components Datasheet Search
  English  ▼

X  

IM03CGR Datasheet(PDF) 4 Page - Tyco Electronics

Part # IM03CGR
Description  The Best Relaytion
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

IM03CGR Datasheet(HTML) 4 Page - Tyco Electronics

  IM03CGR Datasheet HTML 1Page - Tyco Electronics IM03CGR Datasheet HTML 2Page - Tyco Electronics IM03CGR Datasheet HTML 3Page - Tyco Electronics IM03CGR Datasheet HTML 4Page - Tyco Electronics IM03CGR Datasheet HTML 5Page - Tyco Electronics IM03CGR Datasheet HTML 6Page - Tyco Electronics IM03CGR Datasheet HTML 7Page - Tyco Electronics IM03CGR Datasheet HTML 8Page - Tyco Electronics IM03CGR Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
1.5
1.13
3.6
0.15
140
16
IM00TS
3-1462037-5
3
2.25
7.2
0.30
140
64
IM01TS
0-1462037-4
4.5
3.38
10.8
0.45
140
145
IM02TS
1-1462037-3
5
3.75
12.1
0.50
140
178
IM03TS
1-1462037-8
6
4.50
14.5
0.60
140
257
IM04TS
4-1462037-1
9
6.75
21.7
0.90
140
574
IM05TS
2-1462037-2
12
9.00
28.9
1.20
140
1028
IM06TS
2-1462037-7
24
18.00
48.5
2.40
200
2880
IM07TS
3-1462037-0
Further coil versions are available on request.
IM Relay
Page 4 (11)
108-98001 Rev. D
Coil Data (values at 23°C)
Nominal
Operate/set voltage range
Release/
Coil
Coil
Relay
Tyco part
voltage
reset voltage
power
Resistance
code
number
Unom
Minimum
Minimum
Maximum
voltage U
min
voltage U
max
Vdc
Vdc
Vdc
Vdc
mW
Ω / ± 10 %
Ordering Information
THT Standard non-latching 1 coil
1.5
1.13
3.6
0.15
140
16
IM00NS
1-1462038-0
3
2.25
7.2
0.30
140
64
IM01NS
1-1462038-1
4.5
3.38
10.8
0.45
140
145
IM02NS
1-1462038-2
5
3.75
12.1
0.50
140
178
IM03NS
1-1462038-3
6
4.50
14.5
0.60
140
257
IM04NS
1-1462038-4
9
6.75
21.7
0.90
140
574
IM05NS
1-1462038-5
12
9.00
28.9
1.20
140
1028
IM06NS
1-1462038-6
24
18.00
48.5
2.40
200
2880
IM07NS
1-1462038-7
THT Narrow non-latching 1 coil
1.5
1.13
3.6
0.15
140
16
IM00JR
3-1462037-9
3
2.25
7.2
0.30
140
64
IM01JR
4-1462037-0
4.5
3.38
10.8
0.45
140
145
IM02JR
1-1462037-1
5
3.75
12.1
0.50
140
178
IM03JR
1-1462037-6
6
4.50
14.5
0.60
140
257
IM04JR
4-1462037-4
9
6.75
21.7
0.90
140
574
IM05JR
4-1462037-5
12
9.00
28.9
1.20
140
1028
IM06JR
4-1462037-6
24
18.00
48.5
2.40
200
2880
IM07JR
4-1462037-8
SMT J-Legs non-latching 1 coil
1.5
1.13
3.6
0.15
140
16
IM00GR
3-1462037-7
3
2.25
7.2
0.30
140
64
IM01GR
0-1462037-1
4.5
3.38
10.8
0.45
140
145
IM02GR
0-1462037-9
5
3.75
12.1
0.50
140
178
IM03GR
1-1462037-4
6
4.50
14.5
0.60
140
257
IM04GR
4-1462037-2
9
6.75
21.7
0.90
140
574
IM05GR
3-1462037-4
12
9.00
28.9
1.20
140
1028
IM06GR
2-1462037-3
24
18.00
48.5
2.40
200
2880
IM07GR
4-1462037-7
SMT Gull Wings non-latching 1 coil
3
2.25
7.2
0.30
140
64
IM01CGR
0-1462038-4
4.5
3.38
10.8
0.45
140
145
IM02CGR
0-1462038-1
5
3.75
12.1
0.50
140
178
IM03CGR
0-1462038-2
9
6.75
21.7
0.90
140
574
IM05CGR
0-1462038-3
12
9.00
28.9
1.20
140
1028
IM06CGR
9-1462037-9
24
18.00
48.5
2.40
200
2880
IM07CGR
0-1462039-2
SMT Gull Wings non-latching 1 coil
High Dielectric Version
4.5
3.38
10.8
0.45
140
145
IM02DGR
9-1462038-8
5
3.75
12.1
0.50
140
178
IM03DGR
9-1462038-9
SMT Gull Wings non-latching 1 coil
High Current Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com