Electronic Components Datasheet Search
  English  ▼

X  

IM03CGR Datasheet(PDF) 6 Page - Tyco Electronics

Part # IM03CGR
Description  The Best Relaytion
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

IM03CGR Datasheet(HTML) 6 Page - Tyco Electronics

Back Button IM03CGR Datasheet HTML 2Page - Tyco Electronics IM03CGR Datasheet HTML 3Page - Tyco Electronics IM03CGR Datasheet HTML 4Page - Tyco Electronics IM03CGR Datasheet HTML 5Page - Tyco Electronics IM03CGR Datasheet HTML 6Page - Tyco Electronics IM03CGR Datasheet HTML 7Page - Tyco Electronics IM03CGR Datasheet HTML 8Page - Tyco Electronics IM03CGR Datasheet HTML 9Page - Tyco Electronics IM03CGR Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
-60 -50 -40 -30 -20 -10
0
10 20 30 40 50 60 70 80 90 100 110 120
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
-40 -30 -20 -10
0
10 20 30 40 50 60 70 80 90 100 110 120
Coil operating range
Umax. at 0 A
Umax. at 2 x 2 A
Umax. at 2 x 1 A
Unom. nominal coil voltage
Uop. min.
Urel. min.
Ambient Temperature [°C]
Umax. at 0 A
Umax. at 2 x 2 A
Umax. at 2 x 1 A
Uop. min.
Urel. min.
Ambient Temperature [°C]
110 mW
140 mW
Unom. nominal coil voltage
IM Relay
Umax. at 0 A
200 mW
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
-60 -50 -40 -30 -20 -10
0
10 20 30 40 50 60 70 80 90 100 110 120 130 140
Uset min.
Ambient Temperature [°C]
200 mW Latching
Unom. nominal coil voltage
Umax. - 5 % coil duty at 0 A (200 mW)
Umax. - 5 % coil duty at 0 A (100 mW)
Umax.
- 100 % coil duty at 0 A (100 mW)
Umax.
- 100 % coil duty at 0 A (200 mW)
100 mW Latching
Umax. - 5 % coil duty at 2 x 2 A (100 mW)
Umax. - 5 % coil duty at 2 x 1 A (100 mW)
DC current [A]
Page 6 (12)
108-98001 Rev. D
Max. DC load breaking capacity
U
nom =
Nominal coil voltage
U
max. =
Upper limit of the operative range of
the coil voltage (limiting voltage) when coils are
continously energized
U
op. min. =
Lower limit of the operative range of
the coil voltage (reliable operate voltage)
U
rel. min. =
Lower limit of the operative range of
the coil voltage (reliable release voltage)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com