Electronic Components Datasheet Search
  English  ▼

X  

IM03CGR Datasheet(PDF) 3 Page - Tyco Electronics

Part # IM03CGR
Description  The Best Relaytion
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

IM03CGR Datasheet(HTML) 3 Page - Tyco Electronics

  IM03CGR Datasheet HTML 1Page - Tyco Electronics IM03CGR Datasheet HTML 2Page - Tyco Electronics IM03CGR Datasheet HTML 3Page - Tyco Electronics IM03CGR Datasheet HTML 4Page - Tyco Electronics IM03CGR Datasheet HTML 5Page - Tyco Electronics IM03CGR Datasheet HTML 6Page - Tyco Electronics IM03CGR Datasheet HTML 7Page - Tyco Electronics IM03CGR Datasheet HTML 8Page - Tyco Electronics IM03CGR Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IM Relay
THT Version
Mounting hole layout
View onto the component side of the PCB
(top view)
Terminal assignment
Relay - top view
Non-latching type,
not energized condition
Dimensions
IM THT
IM THT
IM SMT
IM SMT
Standard
Narrow
Gull Wings
J-Legs
mm
inch
mm
inch
mm
inch
L
10
±0.08 0.393 ±0.003 10 ±0.08 0.393 ±0.003 10 ±0.08 0.393 ±0.003 10 ±0.08 0.393 ±0.003
W 6
±0.08
0.236
±0.003 5.7 ±0.3 0.224 ±0.012 6 ±0.08
0.236
±0.003 6 ±0.08 0.236 ±0.003
H 5.65 -0.2 0.222 -0.008 5.85 -0.15 0.230 -0.006 5.65 -0.2
0.222 -0.008 5.65 -0.2 0.222 -0.008
T
3.2
0.125
3.2
0.125
N/A
N/A
N/A
N/A
T1 N/A
N/A
N/A
N/A
7.5
±0.3
0.295
±0.011 2.8 ±0.2 0.110 ±0.007
T2 5.08
±0.1 0.200 ±0.004 3.2±0.1
0.126
±0.006 5.08 ±0.1 0.200 ±0.004 5.08 ±0.1 0.200 ±0.004
D1 3.2
±0.15 0.126 ±0.006 3.2 ±0.15 0.126 ±0.006 3.2 ±0.15 0.126 ±0.006 3.2 ±0.15 0.126 ±0.006
D2 2.2
±0.15 0.087 ±0.006 2.2 ±0.15 0.087 ±0.006 2.2 ±0.15 0.087 ±0.006 2.2 ±0.15 0.087 ±0.006
Tw 0.4
0.015
0.4
0.015
0.4
0.015
0.4
0.015
S
0.3
±0.05 0.011 ±0.002 0.3 ±0.05 0.011 ±0.002 N/A
N/A
N/A
N/A
SMT Version
Gull Wings
J Legs
Solder pad layout
View onto the component side of the PCB
(top view)
Gull Wings
J Legs
Ø min. 0.75
Latching type, 1 coil
reset condition
Standard version
Narrow version
Standard version
Narrow version
Page 3 (11)
108-98001 Rev. D
Relay Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com