Electronic Components Datasheet Search
  English  ▼

X  

L7200 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L7200
Description  MOZART, 12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7200 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L7200 Datasheet HTML 8Page - STMicroelectronics L7200 Datasheet HTML 9Page - STMicroelectronics L7200 Datasheet HTML 10Page - STMicroelectronics L7200 Datasheet HTML 11Page - STMicroelectronics L7200 Datasheet HTML 12Page - STMicroelectronics L7200 Datasheet HTML 13Page - STMicroelectronics L7200 Datasheet HTML 14Page - STMicroelectronics L7200 Datasheet HTML 15Page - STMicroelectronics L7200 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
L7200
12/23
Reg:
1
Name:
Spindle Set-Up 0 Register
Type:
Write only
Address: 1Eh
BIT
LABEL
DESCRIPTION
0
SMOOTH
“0” Spindle SMOOTHDRIVE™. “1” Spindle Six step drive.
1
BIPMASK
Spindle Mask Time. “0” 15
°. “1” 7.5°. (Only in six step drive).
2
MINON 0
Minimum ON time in Current
Bit 3
Bit 2
Min TON
limit. First Bit.
0
0
6
µS
3
MINON 1
Minimum ON time in Current
0
1
3
µS
limit. Second Bit.
1
0
9
µS
11
7.6
µS
4
BIPDELAY
Spindle Commutation Delay. “0” 30
°. “1” 15°. (Only in six step drive).
5
MASKSPIN 0
Spindle Mask at acceleration.
Bit 6
Bit 5
Mask
First Bit.
0
0
3.2mS
6
MASKSPIN 1
Spindle Mask at acceleration.
0
1
1.6mS
Second Bit.
1
0
0.8mS
1
1
6.4mS
7
FREEZE
“0” Torque Optimizer Activated. “1” Torque Optimizer Frozen.
Reg:
2
Name:
Spindle Set-Up 1 Register
Type:
Write only
Address: 2Eh
BIT
LABEL
DESCRIPTION
0
IL0
Current Limit and Inductive
Bit 1
Bit 0
Vlimit
Sense thresholds. First Bit.
0
0
0.45V
1
IL1
Current Limit and Inductive
0
1
0.50V
Sense thresholds. Second Bit.
1
0
0.55V
1
1
0.75V
2
SSLEW
Spindle Chopping Slew Rate. “0” 10V/
µS. “1” 20V/µS.
3
FLLEXT
Spindle Speed control loop. “0” Internal. “1” External.
INTERNAL REGISTERS DEFINITION (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com