Electronic Components Datasheet Search
  English  ▼

X  

L7200 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L7200
Description  MOZART, 12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7200 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L7200 Datasheet HTML 15Page - STMicroelectronics L7200 Datasheet HTML 16Page - STMicroelectronics L7200 Datasheet HTML 17Page - STMicroelectronics L7200 Datasheet HTML 18Page - STMicroelectronics L7200 Datasheet HTML 19Page - STMicroelectronics L7200 Datasheet HTML 20Page - STMicroelectronics L7200 Datasheet HTML 21Page - STMicroelectronics L7200 Datasheet HTML 22Page - STMicroelectronics L7200 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
19/23
L7200
Reg:
14
Name:
System FunctionSet-Up Register
Type:
Write only
Address: EEh
BIT
LABEL
DESCRIPTION
0
GAINSWITCH
VCM current loop Gain Switch. “0” Switch open. “1” Switch close.
1
EXTP
VCM external mode VCMP output. “0” VCMP low. “1” VCMP high.
2
EXTN
VCM external mode VCMN output. “0” VCMN low. “1” VCMN high.
3
EXTVCM
VCM mode. “0” Internal. “1” External.
4
VBDIS
Vboost oscillatotor. “0” Enabled. “1” Disabled.
5
SHOCKEN
Schock Detector. “0” Disabled. “1” Enabled.
6
7
Reg:
15
Name:
Spindle Diagnostic Register
Type:
Read only
Address: 0Fh
BIT
LABEL
DESCRIPTION
0
LOCK
“0” Indicates Spindle Speed error (>16
µS sample, either mechanical or
electrical).
1
NOTHR
“1” Indicates that the Inductive Sense threshold is not reached.
2
PHREADY
“1” Indicates that the Phase reading of the motor succeded.
3
STUCKROTOR
“1” Indicates that the Spindle BEMF is not detected.
4
PHASE<0>
Inductive Sense Phase detected. First Bit.
5
PHASE<1>
Inductive Sense Phase detected. Second Bit.
6
PHASE<2>
Inductive Sense Phase detected. Third Bit.
7
BACKSPIN
“1” Indicateds a Back rotation of the Spindle Motor.
INTERNAL REGISTERS DEFINITION (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com