Electronic Components Datasheet Search
  English  ▼

X  

L7200 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L7200
Description  MOZART, 12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7200 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L7200 Datasheet HTML 11Page - STMicroelectronics L7200 Datasheet HTML 12Page - STMicroelectronics L7200 Datasheet HTML 13Page - STMicroelectronics L7200 Datasheet HTML 14Page - STMicroelectronics L7200 Datasheet HTML 15Page - STMicroelectronics L7200 Datasheet HTML 16Page - STMicroelectronics L7200 Datasheet HTML 17Page - STMicroelectronics L7200 Datasheet HTML 18Page - STMicroelectronics L7200 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
15/23
L7200
Reg:
7
Name:
Spindle FLL Filter Coefficient A1 Register
Type:
Write only
Address: 7Eh
BIT
LABEL
DESCRIPTION
0
COEFF_A1<0>
LSB of Spindle FLL filter coefficient A1.
1
COEFF_A1<1>
Bit 1 of Spindle FLL filter coefficient A1.
2
COEFF_A1<2>
Bit 2 of Spindle FLL filter coefficient A1.
3
COEFF_A1<3>
Bit 3 of Spindle FLL filter coefficient A1.
4
COEFF_A1<4>
Bit 4 of Spindle FLL filter coefficient A1.
5
COEFF_A1<5>
Bit 5 of Spindle FLL filter coefficient A1.
6
COEFF_A1<6>
Bit 6 of Spindle FLL filter coefficient A1.
7
COEFF_A1<7>
MSB of Spindle FLL filter coefficient A1.
Reg:
8
Name:
Spindle FLL Filter Coefficient B0 Register
Type:
Write only
Address: 8Eh
BIT
LABEL
DESCRIPTION
0
COEFF_B0<0>
LSB of Spindle FLL filter coefficient B0.
1
COEFF_B0<1>
Bit 1 of Spindle FLL filter coefficient B0.
2
COEFF_B0<2>
Bit 2 of Spindle FLL filter coefficient B0.
3
COEFF_B0<3>
Bit 3 of Spindle FLL filter coefficient B0.
4
COEFF_B0<4>
Bit 4 of Spindle FLL filter coefficient B0.
5
COEFF_B0<5>
Bit 5 of Spindle FLL filter coefficient B0.
6
COEFF_B0<6>
Bit 6 of Spindle FLL filter coefficient B0.
7
COEFF_B0<7>
Bit 7 of Spindle FLL filter coefficient B0.
INTERNAL REGISTERS DEFINITION (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com