Electronic Components Datasheet Search
  English  ▼

X  

L7200 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L7200
Description  MOZART, 12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7200 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L7200 Datasheet HTML 10Page - STMicroelectronics L7200 Datasheet HTML 11Page - STMicroelectronics L7200 Datasheet HTML 12Page - STMicroelectronics L7200 Datasheet HTML 13Page - STMicroelectronics L7200 Datasheet HTML 14Page - STMicroelectronics L7200 Datasheet HTML 15Page - STMicroelectronics L7200 Datasheet HTML 16Page - STMicroelectronics L7200 Datasheet HTML 17Page - STMicroelectronics L7200 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
L7200
14/23
BIT
LABEL
DESCRIPTION
6
FLLCOARSE<10>
Bit 10 of Spindle FLL Coarse Counter.
7
FLLCOARSE<11>
MSB of Spindle FLL Coarse Counter.
Reg:
5
Name:
Spindle FLL Fine Register
Type:
Write only
Address: 5Eh
BIT
LABEL
DESCRIPTION
0
FLLFINE<0>
LSB of Spindle FLL Fine Counter.
1
FLLFINE<1>
Bit 1 of Spindle FLL Fine Counter.
2
FLLFINE<2>
Bit 2 of Spindle FLL Fine Counter.
3
FLLFINE<3>
Bit 3 of Spindle FLL Fine Counter.
4
FLLFINE<4>
Bit 4 of Spindle FLL Fine Counter.
5
FLLFINE<5>
Bit 5 of Spindle FLL Fine Counter.
6
FLLFINE<6>
Bit 6 of Spindle FLL Fine Counter.
7
FLLFINE<7>
Bit 7 of Spindle FLL Fine Counter.
Reg:
6
Name:
Spindle Set-Up 3 Register
Type:
Write only
Address: 6Eh
BIT
LABEL
DESCRIPTION
0
FLLFINE<8>
Bit 8 of Spindle FLL Fine Counter.
1
FLLFINE<9>
Bit 9 of Spindle FLL Fine Counter.
2
FLLFINE<10>
MSB of Spindle FLL Fine Counter.
3
COEFF_B0<8>
MSB of Spindle FLL filter coefficient B0.
4
COEFF_B1<8>
MSB of Spindle FLL filter coefficient B1.
5
STUCKSET
Spindle Stuck Rotor Time. “0” 400mS. “1” 100mS.
6
CLAMP0
KFLL clamp. First Bit.
Bit 7
Bit 6
Clamp
7
CLAMP1
KFLL clamp. Second Bit.
0
0
0.50
01
0.55
10
0.60
11
0.65
INTERNAL REGISTERS DEFINITION (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com