Electronic Components Datasheet Search
  English  ▼

X  

LT6105 Datasheet(PDF) 6 Page - Analog Devices

Part # LT6105
Description  Current Sense Amplifier, Reference and Comparators with POR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6105 Datasheet(HTML) 6 Page - Analog Devices

Back Button LT6105 Datasheet HTML 2Page - Analog Devices LT6105 Datasheet HTML 3Page - Analog Devices LT6105 Datasheet HTML 4Page - Analog Devices LT6105 Datasheet HTML 5Page - Analog Devices LT6105 Datasheet HTML 6Page - Analog Devices LT6105 Datasheet HTML 7Page - Analog Devices LT6105 Datasheet HTML 8Page - Analog Devices LT6105 Datasheet HTML 9Page - Analog Devices LT6105 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LT6119-1/LT6119-2
6
611912f
For more information www.linear.com/LT6119-1
Performance characteristics taken at TA = 25°C,
V+ = 12V, VPULLUP = V+, VLE = 2.7V, RIN = 100Ω, ROUT = R1 + R2 + R3 = 10k, gain = 100, RC = 25.5k, CL = CLC = 2pF, unless otherwise
noted. (See Figure 3)
Amplifier Input Bias Current
vs Temperature
Amplifier Step Response
(VSENSE = 0mV to 100mV)
Amplifier Step Response
(VSENSE = 0mV to 100mV)
Amplifier Step Response
(VSENSE = 10mV to 100mV)
Amplifier Step Response
(VSENSE = 10mV to 100mV)
Amplifier Gain vs Frequency
System Step Response
Common Mode Rejection Ratio
vs Frequency
Typical perForMance characTerisTics
FREQUENCY (Hz)
1
0
120
100
140
10
100
1k
10k 100k 1M 10M
611912 G10
80
60
40
20
FREQUENCY (Hz)
22
28
34
40
46
1k
100k
1M
10M
611912 G11
16
10k
IOUTA = 1mA
IOUTA = 100µA
G = 100
G = 50, ROUT = 5k
G = 20, ROUT = 2k
0V
VSENSE
100mV/DIV
VOUTA
1V/DIV
VOUTC1
2V/DIV
VLE
5V/DIV
0V
0V
0V
611912 G12
2µs/DIV
ROUT = 2k,100mV INC1 OVERDRIVE
TEMPERATURE (°C)
–25
60
80
100
95
611912 G13
40
20
50
70
90
30
10
0
5
35
65
–10
–40
110
20
50
80
125
SENSEHI
SENSELO
VOUTA
2V/DIV
VSENSE
50mV/DIV
0V
0V
611912 G14
2µs/DIV
RIN = 100
G = 100V/V
VOUTA
2V/DIV
VSENSE
50mV/DIV
0V
0V
611912 G15
2µs/DIV
RIN = 100
G = 100V/V
0V
0V
VOUTA
1V/DIV
VSENSE
100mV/DIV
611912 G16
2µs/DIV
RIN = 1k
ROUT = 20k
G = 20V/V
0V
0V
VOUTA
1V/DIV
VSENSE
100mV/DIV
611912 G17
2µs/DIV
RIN = 1k
ROUT = 20k
G = 20V/V
Power Supply Rejection Ratio
vs Frequency
FREQUENCY (Hz)
1
0
120
100
140
160
10
100
1k
10k 100k 1M 10M
611912 G09
80
60
40
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com