Electronic Components Datasheet Search
  English  ▼

X  

LT6105 Datasheet(PDF) 3 Page - Analog Devices

Part # LT6105
Description  Current Sense Amplifier, Reference and Comparators with POR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6105 Datasheet(HTML) 3 Page - Analog Devices

  LT6105 Datasheet HTML 1Page - Analog Devices LT6105 Datasheet HTML 2Page - Analog Devices LT6105 Datasheet HTML 3Page - Analog Devices LT6105 Datasheet HTML 4Page - Analog Devices LT6105 Datasheet HTML 5Page - Analog Devices LT6105 Datasheet HTML 6Page - Analog Devices LT6105 Datasheet HTML 7Page - Analog Devices LT6105 Datasheet HTML 8Page - Analog Devices LT6105 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LT6119-1/LT6119-2
3
611912f
For more information www.linear.com/LT6119-1
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+ = 12V, VPULLUP = V+, VLE = 2.7V, RIN = 100Ω,
ROUT = R1 + R2 + R3 = 10k, gain = 100, RC = 25.5k, CL = CLC = 2pF, unless otherwise noted. (See Figure 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
V+
Supply Voltage Range
l
2.7
60
V
IS
Supply Current (Note 4)
V+ = 2.7V, RIN = 1k, VSENSE = 5mV
475
µA
V+ = 60V, RIN = 1k, VSENSE = 5mV
l
600
700
1000
µA
µA
LE Pin Current
VLE = 0V, V+ = 60V
–100
nA
VIH
LE Pin Input High
V+ = 2.7V to 60V
l
1.5
V
VIL
LE Pin Input Low
V+ = 2.7V to 60V
l
0.5
V
Current Sense Amplifier
VOS
Input Offset Voltage
VSENSE = 5mV
VSENSE = 5mV
l
–200
–300
200
300
µV
µV
∆VOS/∆T
Input Offset Voltage Drift
VSENSE = 5mV
l
±0.8
µV/°C
IB
Input Bias Current
(SENSELO, SENSEHI)
V+ = 2.7V to 60V
l
60
300
350
nA
nA
IOS
Input Offset Current
V+ = 2.7V to 60V
±5
nA
IOUTA
Output Current (Note 5)
l
1
mA
PSRR
Power Supply Rejection Ratio
(Note 6)
V+ = 2.7V to 60V
l
120
114
127
dB
dB
CMRR
Common Mode Rejection Ratio
V+ = 36V, VSENSE = 5mV, VICM = 2.7V to 36V
125
dB
V+ = 60V, VSENSE = 5mV, VICM = 27V to 60V
l
110
103
125
dB
dB
VSENSE(MAX) Full-Scale Input Sense Voltage
(Note 5)
RIN = 500Ω
l
500
mV
Gain Error (Note 7)
V+ = 2.7V to 12V
V+ = 12V to 60V, VSENSE = 5mV to 100mV
l
–0.2
–0.08
0
%
%
SENSELO Voltage (Note 8)
V+ = 2.7V, VSENSE = 100mV, ROUT = 2k
V+ = 60V, VSENSE = 100mV
l
l
2.5
27
V
V
Output Swing High (V+ to VOUTA)
V+ = 2.7V, VSENSE = 27mV
l
0.2
V
V+ = 12V, VSENSE = 120mV
l
0.5
V
BW
Signal Bandwidth
IOUT = 1mA
IOUT = 100µA
1
140
MHz
kHz
tr
Input Step Response (to 50% of
Final Output Voltage)
V+ = 2.7V, VSENSE = 24mV Step, Output Rising Edge
V+ = 12V to 60V, VSENSE = 100mV Step, Output Rising Edge
500
500
ns
ns
tSETTLE
Settling Time to 1%
VSENSE = 10mV to 100mV, ROUT = 2k
2
µs
Reference and Comparator
VTH(R)
(Note 9)
Rising Input Threshold Voltage
(LT6119-1 Comparator 1
LT6119-2 Both Comparators)
V+ = 2.7V to 60V
l
395
400
405
mV
VTH(F)
(Note 9)
Falling Input Threshold Voltage
(LT6119-1 Comparator 2)
V+ = 2.7V to 60V
l
395
400
405
mV
VHYS
VHYS = VTH(R) – VTH(F)
V+ = 2.7V to 60V
3
10
15
mV
Comparator Input Bias Current
VINC1,2 = 0V, V+ = 60V
l
–50
nA
VOL
Output Low Voltage
IOUTC1,C2 = 500µA, V+ = 2.7V
l
60
150
220
mV
mV
High to Low Propagation Delay
5mV Overdrive
100mV Overdrive
3
0.5
µs
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com