Electronic Components Datasheet Search
  English  ▼

X  

LT6105 Datasheet(PDF) 23 Page - Analog Devices

Part # LT6105
Description  Current Sense Amplifier, Reference and Comparators with POR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6105 Datasheet(HTML) 23 Page - Analog Devices

Back Button LT6105 Datasheet HTML 19Page - Analog Devices LT6105 Datasheet HTML 20Page - Analog Devices LT6105 Datasheet HTML 21Page - Analog Devices LT6105 Datasheet HTML 22Page - Analog Devices LT6105 Datasheet HTML 23Page - Analog Devices LT6105 Datasheet HTML 24Page - Analog Devices LT6105 Datasheet HTML 25Page - Analog Devices LT6105 Datasheet HTML 26Page - Analog Devices LT6105 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
LT6119-1/LT6119-2
23
611912f
For more information www.linear.com/LT6119-1
applicaTions inForMaTion
R7canbecalculatedfromtheamplifieroutputcurrentwhich
is required to cause the comparator output to trip, IOVER.
R7
=
400mV
IOVER
, Assuming R1+ R2
(
) >> R7
To ensure (R1 + R2) >> R7, R1 should be chosen such
that R1 >> R7 so that VOUTA does not change significantly
when the comparator trips.
R3 should be chosen to allow sufficient VOL and compara-
tor output rise time due to capacitive loading.
R2 can be calculated:
R2
= R1•
VDD –390mV
VHYS(EXTRA)
Note that the hysteresis being added, VHYS(EXTRA), is in
addition to the typical 10mV of built-in hysteresis. For very
large values of R2 PCB related leakage may become an
issue. A tee network can be implemented to reduce the
required resistor values.
The approximate total hysteresis is:
VHYS =10mV+ R1•
VDD–390mV
R2


For example, to achieve IOVER = 900µA with 50mV of total
hysteresis, R7 = 442Ω. Choosing R1 = 4.42k, R3 = 10k
and VDD = 5V results in R2 = 513k.
The analog output voltage will also be affected when the
comparator trips due to the current injected into R7 by
the positive feedback. Because of this, it is desirable to
have (R1 + R2) >> R7. The maximum VOUTA error caused
by this can be calculated as:
∆VOUTA = VDD •
R7
R1
+R2+R7


In the previous example, this is an error of 4.3mV at the
output of the amplifier or 43µV at the input of the amplifier
assuming a gain of 100.
Since the comparators can be used independently of the
current sense amplifier, it is useful to know the threshold
voltage equations with additional hysteresis. The input
rising edge threshold which causes the output to transi-
tion from high to low is:
VTH(R) = 400mV • 1+
R1
R2


The input falling edge threshold which causes the output
to transition from low to high is:
VTH(F) = 390mV • 1+
R1
R2


–VDD
R1
R2


Comparator Outputs
The comparator outputs can maintain a logic low level of
150mV while sinking 500µA. The outputs can sink higher
currents at elevated VOL levels, as shown in the Typical
PerformanceCharacteristics.Loadcurrentsareconducted
to the V– pin. The output off-state voltage may range
between 0V and 60V with respect to V–, regardless of the
supply voltage used. As with any open-drain device, the
outputs may be tied together to implement wire-OR logic
functions. The LT6119-1 can be used as a single-output
window comparator in this way.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com