Electronic Components Datasheet Search
  English  ▼

X  

LT6105 Datasheet(PDF) 18 Page - Analog Devices

Part # LT6105
Description  Current Sense Amplifier, Reference and Comparators with POR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6105 Datasheet(HTML) 18 Page - Analog Devices

Back Button LT6105 Datasheet HTML 14Page - Analog Devices LT6105 Datasheet HTML 15Page - Analog Devices LT6105 Datasheet HTML 16Page - Analog Devices LT6105 Datasheet HTML 17Page - Analog Devices LT6105 Datasheet HTML 18Page - Analog Devices LT6105 Datasheet HTML 19Page - Analog Devices LT6105 Datasheet HTML 20Page - Analog Devices LT6105 Datasheet HTML 21Page - Analog Devices LT6105 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LT6119-1/LT6119-2
18
611912f
For more information www.linear.com/LT6119-1
The SENSELO and SENSEHI range has been designed to
allow the LT6119 to monitor its own supply current (in
additiontotheload),aslongasVSENSEislessthan200mV.
This is shown in Figure 11.
Minimum Output Voltage
The output of the LT6119 current sense amplifier can
produce a non-zero output voltage when the sense voltage
is zero. This is a result of the sense amplifier VOS being
forced across RIN as discussed in the Output Voltage Er-
ror, ∆VOUT(VOS) section. Figure 12 shows the effect of the
input offset voltage on the transfer function for parts at the
VOS limits. With a negative offset voltage, zero input sense
voltage produces an output voltage. With a positive offset
voltage, the output voltage is zero until the input sense
voltage exceeds the input offset voltage. Neglecting VOS,
the output circuit is not limited by saturation of pull-down
circuitry and can reach 0V.
applicaTions inForMaTion
Response Time
The LT6119 amplifier is designed to exhibit fast response
to inputs for the purpose of circuit protection or current
monitoring. This response time will be affected by the
external components in two ways, delay and speed.
If the output current is very low and an input transient
occurs, there may be an increased delay before the
output voltage begins to change. The Typical Performance
Characteristics show that this delay is short and it can
be improved by increasing the minimum output current,
either by increasing RSENSE or decreasing RIN. Note that
the Typical Performance Characteristics are labeled with
respect to the initial sense voltage.
The speed is also affected by the external components.
Using a larger ROUT will decrease the response time, since
VOUT = IOUTA • ZOUT where ZOUT is the parallel combination
Figure 12. Amplifier Output Voltage vs Input Sense Voltage
INPUT SENSE VOLTAGE (µV)
0
40
80
120
20
60
100
200
400
600
800
611912 F12
1000
100
0
300
500
700
900
VOS = –200µV
VOS = 200µV
G = 100
Figure 11. LT6119 Supply Current Monitored with Load
SENSEHI
LT6119
ISENSE
RSENSE
V+
9
V–
5
RIN
VBATT
SENSELO
10
1
OUTA 8
611912 F11
ROUT
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com