Electronic Components Datasheet Search
  English  ▼

X  

C4000 Datasheet(PDF) 2 Page - SICK AG

Part # C4000
Description  SAFETY LIGHT CURTAINS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

C4000 Datasheet(HTML) 2 Page - SICK AG

  C4000 Datasheet HTML 1Page - SICK AG C4000 Datasheet HTML 2Page - SICK AG C4000 Datasheet HTML 3Page - SICK AG C4000 Datasheet HTML 4Page - SICK AG C4000 Datasheet HTML 5Page - SICK AG C4000 Datasheet HTML 6Page - SICK AG C4000 Datasheet HTML 7Page - SICK AG C4000 Datasheet HTML 8Page - SICK AG C4000 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
C40E-0904CB010 | C4000 Advanced
SAFETY LIGHT CURTAINS
Illustration may differ
Ordering information
Resolution
Scanning
range
Protective
field height
System part
Type
Part no.
40 mm
21 m
900 mm
Receiver
C40E-
0904CB010
1018819
Other models and accessories
www.sick.com/C4000_Advanced
Detailed technical data
Features
Application
Normal industrial environment
System part
Receiver
Resolution
40 mm
Scanning range
21 m
Protective field height
900 mm
Response time
11 ms 1)
Synchronization
Optical synchronisation
1) Without beam coding, without blanking, no cascaded systems. Other response times see operating instructions.
Safety-related parameters
Type
Type 4 (IEC 61496-1)
Safety integrity level
SIL 3 (IEC 61508)
Category
Category 4 (EN ISO 13849)
Performance level
PL e (EN ISO 13849)
PFHD (mean probability of a dangerous fail-
ure per hour)
15 * 10-9 (EN ISO 13849)
43 * 10-9 (EN ISO 13849)
63 * 10-9 (EN ISO 13849)
TM (mission time)
20 years (EN ISO 13849)
Safe state in the event of a fault
At least one OSSD is in the OFF state.
Functions
Functions
Delivery status
Protective operation
✔
Restart interlock
✔
External
External device monitoring (EDM)
✔
Deactivated
2
SAFETY LIGHT CURTAINS | SICK
Product data sheet | 2024-03-01 06:41:22
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com