Electronic Components Datasheet Search
  English  ▼

X  

C4000 Datasheet(PDF) 4 Page - SICK AG

Part # C4000
Description  SAFETY LIGHT CURTAINS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

C4000 Datasheet(HTML) 4 Page - SICK AG

  C4000 Datasheet HTML 1Page - SICK AG C4000 Datasheet HTML 2Page - SICK AG C4000 Datasheet HTML 3Page - SICK AG C4000 Datasheet HTML 4Page - SICK AG C4000 Datasheet HTML 5Page - SICK AG C4000 Datasheet HTML 6Page - SICK AG C4000 Datasheet HTML 7Page - SICK AG C4000 Datasheet HTML 8Page - SICK AG C4000 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
C40E-0904CB010 | C4000 Advanced
SAFETY LIGHT CURTAINS
Air humidity
15 % ... 95 %, Non-condensing
Vibration resistance
5 g, 10 Hz ... 55 Hz (EN 60068-2-6)
Shock resistance
10 g, 16 ms (EN 60068-2-27)
Other information
Wave length
850 nm
Classifications
eCl@ss 5.0
27272704
eCl@ss 5.1.4
27272704
eCl@ss 6.0
27272704
eCl@ss 6.2
27272704
eCl@ss 7.0
27272704
eCl@ss 8.0
27272704
eCl@ss 8.1
27272704
eCl@ss 9.0
27272704
eCl@ss 10.0
27272704
eCl@ss 11.0
27272704
eCl@ss 12.0
27272704
ETIM 5.0
EC002549
ETIM 6.0
EC002549
ETIM 7.0
EC002549
ETIM 8.0
EC002549
UNSPSC 16.0901
46171620
4
SAFETY LIGHT CURTAINS | SICK
Product data sheet | 2024-03-01 06:41:22
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com