Electronic Components Datasheet Search
  English  ▼

X  

C4000 Datasheet(PDF) 3 Page - SICK AG

Part # C4000
Description  SAFETY LIGHT CURTAINS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

C4000 Datasheet(HTML) 3 Page - SICK AG

  C4000 Datasheet HTML 1Page - SICK AG C4000 Datasheet HTML 2Page - SICK AG C4000 Datasheet HTML 3Page - SICK AG C4000 Datasheet HTML 4Page - SICK AG C4000 Datasheet HTML 5Page - SICK AG C4000 Datasheet HTML 6Page - SICK AG C4000 Datasheet HTML 7Page - SICK AG C4000 Datasheet HTML 8Page - SICK AG C4000 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
C40E-0904CB010 | C4000 Advanced
SAFETY LIGHT CURTAINS
Functions
Delivery status
Beam coding
✔
Uncoded
Configurable scanning range
✔
0 m ... 6 m
Fixed blanking
✔
Deactivated
Floating blanking
✔
Deactivated
Safe SICK device communication via EFI
✔
Functions in combination with UE402
Bypass
✔
Operating mode switching
✔
PSDI mode
✔
Interfaces
System connection
Hirschmann male connector M26, 12-pin
Direction of cable connection Straight
Conductor cross section 0.75 mm²
Permitted cable length 50 m 1)
Configuration connection
Female connector M8, 4-pin
Configuration method
PC with CDS (Configuration and Diagnostic Software)
Display elements
7-segment display
1) Depending on load, power supply and wire cross-section. The technical specifications must be observed.
Electrical data
Protection class
III (IEC 61140)
Supply voltage VS
24 V DC (19.2 V ... 28.8 V) 1)
Residual ripple
≤ 10 % 2)
Output signal switching devices (OSSDs)
Type of output 2 PNP semiconductors, short-circuit protected, cross-circuit monitored 3)
ON state, switching voltage HIGH 24 V DC (VS – 2.25 V DC ... VS)
OFF state, switching voltage LOW ≤ 2 V DC
Current-carrying capacity per OSSD ≤ 500 mA
1) The external voltage supply must be capable of buffering brief mains voltage failures of 20 ms as specified in EN 60204-1. Suitable power supplies are available as
accessories from SICK.
2) Within the limits of VS.
3) Applies to the voltage range between –30 V and +30 V.
Mechanical data
Dimensions
See dimensional drawing
Housing cross-section
48 mm x 40 mm
Housing material
Aluminum extruded profile
Weight
1,990 g
Ambient data
Enclosure rating
IP65 (EN 60529)
Ambient operating temperature
0 °C ... +55 °C
Storage temperature
–25 °C ... +70 °C
2024-03-01 06:41:22 | Product data sheet
Subject to change without notice
SAFETY LIGHT CURTAINS | SICK
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com