Electronic Components Datasheet Search
  English  ▼

X  

CPC1560GS Datasheet(PDF) 3 Page - Littelfuse

Part # CPC1560GS
Description  60V, 300mA, High Speed Normally Open Relay
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CPC1560GS Datasheet(HTML) 3 Page - Littelfuse

  CPC1560GS Datasheet HTML 1Page - Littelfuse CPC1560GS Datasheet HTML 2Page - Littelfuse CPC1560GS Datasheet HTML 3Page - Littelfuse CPC1560GS Datasheet HTML 4Page - Littelfuse CPC1560GS Datasheet HTML 5Page - Littelfuse CPC1560GS Datasheet HTML 6Page - Littelfuse CPC1560GS Datasheet HTML 7Page - Littelfuse CPC1560GS Datasheet HTML 8Page - Littelfuse CPC1560GS Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1560
R04
www.ixysic.com
3
1. Specifications
1.1 Package Pinout
1.2 Pin Description
1.3 Absolute Maximum Ratings
1 Failure to comply will inhibit thermal shutdown.
2 Derate Input Power linearly by 1.33mW/°C.
3 Derate Output Power linearly by 7.5mW/°C.
Absolute maximum electrical ratings are at 25°C,
unless otherwise specified.
Absolute maximum ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Typical values are characteristic of the device at +25°C,
and are the result of engineering evaluations. They are
provided for information purposes only, and are not part of
the manufacturing testing requirements
1.4 ESD Rating
1
3
2
4
6
7
8
5
NC
NC
LED +
LED -
C-
C+
OUTPUT
OUTPUT
Pin#
Name
Description
1
NC
Not connected, no internal connection
2
LED +
Positive input to LED
3
LED -
Negative input to LED
4
NC
Not connected, no internal connection
5
C-
External Capacitor, Negative Terminal
6
OUTPUT Switch Output
7
OUTPUT Switch Output
8
C+
External Capacitor, Positive Terminal
Parameter
Rating
Units
Blocking Voltage (VL)
60
VP
Reverse Input Voltage
5
V
Input LED Current
Continuous
50
mA
Peak (10ms)
1
A
Input Control Current 1
10
mA
Peak Turn-On Energy Dissipation
AC/DC Configuration (85°C)
0.67
mJ
DC-Only Configuration (85°C)
1.34
dV/dt Fault Tolerance
AC/DC Configuration
160
V/
s
DC-Only Configuration
80
Input Power Dissipation 2
150
mW
Output Power Dissipation 3
787
mW
Total Power Dissipation
800
mW
Isolation Voltage (Input to Output)
3750
Vrms
Operating Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
ESD Rating
(Human Body Model)
1000 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com