Electronic Components Datasheet Search
  English  ▼

X  

CPC1560GS Datasheet(PDF) 1 Page - Littelfuse

Part # CPC1560GS
Description  60V, 300mA, High Speed Normally Open Relay
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CPC1560GS Datasheet(HTML) 1 Page - Littelfuse

  CPC1560GS Datasheet HTML 1Page - Littelfuse CPC1560GS Datasheet HTML 2Page - Littelfuse CPC1560GS Datasheet HTML 3Page - Littelfuse CPC1560GS Datasheet HTML 4Page - Littelfuse CPC1560GS Datasheet HTML 5Page - Littelfuse CPC1560GS Datasheet HTML 6Page - Littelfuse CPC1560GS Datasheet HTML 7Page - Littelfuse CPC1560GS Datasheet HTML 8Page - Littelfuse CPC1560GS Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
INTEGRATED CIRCUITS DIVISION
DS-CPC1560-R04
www.ixysic.com
1
Features
• Fast Turn-On:
100
s max with recommended values of C
EXT
250
s max with no C
EXT
• Active Current Limiting
• Thermal Shutdown
• 1.1mA Input Control Current
• Linear AC or DC Operation
• High Surge Capability
• Low Power Consumption
• Clean, Bounce-Free Switching
• Surface Mount Version Available
• Tape & Reel Packaging Available
Applications
• Security
• Instrumentation
• Battery Powered Systems
• Transportation, Railroad Controls
• 12V, 24V Systems
Approvals
• UL 508 Recognized Component: File E69938
Description
The CPC1560 is a Single Pole, Normally Open
(1-Form-A) optically isolated MOSFET switch that
provides fast turn-on of loads up to 600mADC in the
DC-Only configuration or 300mArms in the AC/DC
configuration; active current-limiting circuitry; and
3750Vrms of input to output isolation.
Turn-on is minimized with the use of an optional
external storage capacitor that provides the necessary
charge required by the internal switching MOSFETs.
The device charges this capacitor through bootstrap
diodes from the load voltage thereby alleviating the
need for an additional power supply. A fast, but slightly
slower turn-on is available without the external charge
storage capacitor.
The CPC1560 incorporates current limiting and
thermal shutdown circuitry for improved survivability in
harsh environments and is designed to pass
regulatory voltage surge requirements when provided
with appropriate over-voltage protection.
Designed specifically for environmentally demanding
AC and DC applications where printed circuit board
space is at a premium and additional power supplies
are not available, the CPC1560 is an ideal solution.
Ordering Information
Figure 1. CPC1560 Block Diagram
Parameter
Rating
Units
Blocking Voltage
60
VP
Load Current
AC/DC
300
mArms/mADC
DC-Only
600
mADC
On-Resistance (max)
5.6
Input Control Current
1.1
mA
Part
Description
CPC1560G
8-Pin, DIP Through-Hole (50/Tube)
CPC1560GS
8-Pin, Surface Mount (50/Tube)
CPC1560GSTR
8-Pin, Surface Mount (1000/Reel)
OUTPUT
OUTPUT
C+
Current
Limit
Control
C-
LED+
LED-
NC
NC
2
3
1
4
8
7
6
5
CPC1560
60V, 300mA, High Speed Normally Open Relay
with Integrated Current Limit


Similar Part No. - CPC1560GS

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1560GS CLARE-CPC1560GS Datasheet
1Mb / 14P
Solid State Relay with Integrated Current Limit
CPC1560GSTR CLARE-CPC1560GSTR Datasheet
1Mb / 14P
Solid State Relay with Integrated Current Limit
More results

Similar Description - CPC1560GS

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCA110L IXYS-LCA110L Datasheet
122Kb / 7P
Single Pole, Normally Open OptoMOS Relay
LCA126 IXYS-LCA126 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA127 IXYS-LCA127 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
CPC1002N IXYS-CPC1002N Datasheet
171Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1006N IXYS-CPC1006N Datasheet
167Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1014N IXYS-CPC1014N Datasheet
168Kb / 6P
60V, 400mA Normally-Open Single-Pole 4-Pin SOP Relay
CPC1017N IXYS-CPC1017N Datasheet
137Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1018N IXYS-CPC1018N Datasheet
169Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1019N IXYS-CPC1019N Datasheet
173Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC2014N IXYS-CPC2014N Datasheet
123Kb / 6P
60V Dual Normally-Open Single-Pole 8-Pin SOIC OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com