Electronic Components Datasheet Search
  English  ▼

X  

CPC1560GS Datasheet(PDF) 8 Page - Littelfuse

Part # CPC1560GS
Description  60V, 300mA, High Speed Normally Open Relay
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CPC1560GS Datasheet(HTML) 8 Page - Littelfuse

Back Button CPC1560GS Datasheet HTML 4Page - Littelfuse CPC1560GS Datasheet HTML 5Page - Littelfuse CPC1560GS Datasheet HTML 6Page - Littelfuse CPC1560GS Datasheet HTML 7Page - Littelfuse CPC1560GS Datasheet HTML 8Page - Littelfuse CPC1560GS Datasheet HTML 9Page - Littelfuse CPC1560GS Datasheet HTML 10Page - Littelfuse CPC1560GS Datasheet HTML 11Page - Littelfuse CPC1560GS Datasheet HTML 12Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
INTEGRATED CIRCUITS DIVISION
8
www.ixysic.com
R04
CPC1560
2. Introduction
The CPC1560 is an optically coupled Solid State
Relay (SSR) that is self-biased from the load supply.
An optional external charge storage capacitor is used
to speed up SSR turn-on. The CPC1560 also
incorporates current limiting and a thermal shutdown
feature in the output circuitry, making the device ideal
for use in harsh conditions.
3. Functional Description
Internally, the device is composed of an LED, a
photovoltaic array with control circuitry, and two
MOSFET output switches.
Input current to the LED is the signal to turn-on the
SSR’s output MOSFET switches. The LED illuminates
the photovoltaics, which provide current to the gates of
the output MOSFETs, causing them to conduct. When
utilizing CEXT, the charge delivered to the MOSFET
gates initially includes the charge stored in the
external capacitor, causing the SSR to conduct more
quickly than if only the photovoltaic current were used.
When the Load Voltage (VL) is first applied to the
inactive outputs, the external storage capacitor begins
to charge. To ensure proper operation, the storage
capacitor should be equal to or greater than the total
gate capacitance of the two output MOSFET switches.
Charge from the load voltage is passed through
bootstrap diodes, which prevent the charge from
escaping and discharging the capacitor through the
MOSFET output switch when the SSR is turned on.
The input control current is applied, then the charge is
transferred from the storage capacitor through the
internal NPN bipolar transistor along with the charge
from the photovoltaic, to the MOSFET gates to
accomplish a rapid turn-on. After the MOSFETs have
turned on and the capacitor has discharged current
from the photovoltaic continues to flow into the gates,
keeping the MOSFETs turned on.
When the input control current is removed, gate
current from the photovoltaic stops flowing and the
PNP bipolar transistor turns on, discharging the
MOSFET gates. The MOSFETs are now off. At this
point, with load voltage applied, the capacitor begins
recharging for the next turn on cycle.
The non-conducting, optical coupling space between
the LED and the photovoltaics provides 3750Vrms of
isolation between the control input and the switched
output of the CPC1560.
Important things to note about the operation of the
CPC1560:
• The device is designed to maintain its guaranteed
operating characteristics with DC input control
current (IF) in the range of 2.5mA to 10mA (see
“Recommended Operating Conditions” on page 4). The
device will operate at input currents above and below
this range, but device operating characteristics over
the operating temperature range are not guaranteed.
• There is a minimum LED input current required for
the device to shut off: 0.1mA at 25°C (see “Electrical
Specifications” on page 5).
• The output switch will only withstand a maximum of
60 volts across its terminals before breaking down
(see“Absolute Maximum Ratings” on page 3). Maximum
voltage generally occurs when the output is off.
The CPC1560 has two different operating
configurations: unidirectional DC-only configuration,
and bidirectional AC/DC configuration.
In the unidirectional DC-only configuration, the device
switches load voltages with a fixed polarity, while in the
AC/DC configuration it can switch voltages with either
positive or negative polarities.
The advantage of operating the device in the DC-only
configuration is the ability to switch larger load
currents. The advantage of operating it in the AC/DC
configuration is the flexibility of switching load voltages
of either polarity.
4. Device Configuration
4.1 LED Resistor
To assure proper operation of the CPC1560, the LED
resistor selection should comply with the
recommended operating conditions. Although the LED
is capable of being operated up to the absolute
maximum ratings, this is not recommended. Operating
the LED beyond the recommended operating
conditions may prevent the current limit and thermal
shutdown functions from performing properly. The
equation to calculate the maximum resistor value is:
• IF_MIN = Minimum Input Control Current
• VIN_MIN = Minimum Input Power Source
• VLOW_MAX = Maximum Logic Level Low Voltage
• VF_MAX = Maximum Forward Voltage Drop of LED
• RLED_MAX = Maximum Input Resistor to LED
RLED_MAX =
VIN_MIN - VLOW_MAX - VF_MAX
IF_MIN
V
IN
+
V
F
-
V
LOW
R
LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com