Electronic Components Datasheet Search
  English  ▼

X  

CPC1560GS Datasheet(PDF) 5 Page - Littelfuse

Part # CPC1560GS
Description  60V, 300mA, High Speed Normally Open Relay
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CPC1560GS Datasheet(HTML) 5 Page - Littelfuse

  CPC1560GS Datasheet HTML 1Page - Littelfuse CPC1560GS Datasheet HTML 2Page - Littelfuse CPC1560GS Datasheet HTML 3Page - Littelfuse CPC1560GS Datasheet HTML 4Page - Littelfuse CPC1560GS Datasheet HTML 5Page - Littelfuse CPC1560GS Datasheet HTML 6Page - Littelfuse CPC1560GS Datasheet HTML 7Page - Littelfuse CPC1560GS Datasheet HTML 8Page - Littelfuse CPC1560GS Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1560
R04
www.ixysic.com
5
1.7 General Conditions
Unless otherwise specified, minimum and maximum values are guaranteed by production testing at 25°C only.
Typical values are characteristic of the device at 25°C and are the result of engineering evaluations. They are
provided for informational purposes only and are not part of the manufacturing testing requirements.
Operating temperature range: TA= -40°C to +85°C
1.8 Electrical Specifications
1 Measurement taken within 1 second of on-time.
1.9 Switching Speed Test Circuits
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics @ 25°C
Blocking Voltage
IL=1AVDRM
60
-
-
VP
Current Limit
AC/DC Configuration
IF=5mA, VL=±4V, t=2ms
ILMT
470
614
900
mAP
DC-Only Configuration
IF=5mA, VL=4V, t=2ms
11.2
1.5
A
On-Resistance 1
AC/DC Configuration
IF=5mA, IL=100mA
RON
-3.9
5.6
DC-Only Configuration
-
1.09
1.4
Off-State Leakage Current
VL=60V
ILEAK
--
1
A
Switching Speeds
IF=5mA, IL=100mA, VL=10V
Turn-On
CEXT=1nF
ton
-18
100
s
Turn-On, No Capacitor
No CEXT
ton
-112
250
Turn-Off
-
toff
-88
400
Output Capacitance, AC/DC Configuration
IF=0mA, VL=1V
CO
-220
-
pF
Thermal Shutdown
-
TSD
-130
-
°C
Input Characteristics @ 25°C
Input Control Current to Activate
IL=100mA
IF
--
1.1
mA
Input Control Current to Deactivate
IL=100mA
IF
0.1
0.43
-
LED Forward Voltage
IF=5mA
VF
0.91.221.5
V
Common Characteristics @ 25°C
Input to Output Capacitance
VIO=0V, f=1MHz
CIO
-3-
pF
Thermal Characteristics
Thermal Impedance, Junction-to-Ambient
-
RJA
-114
-
°C/W
I
F
10%
90%
ton
t
off
V
L
PulseWidth=5ms
With capacitor
C+
C-
2
3
8
7
6
5
I
F
-/+ Supply
+/-
Z
LOAD
+/- Supply
-/+
V
L
No Capacitor
2
3
8
7
6
5
I
F
-/+ Supply
+/-
Z
LOAD
+/- Supply
-/+
V
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com