Electronic Components Datasheet Search
  English  ▼

X  

MAX4376 Datasheet(PDF) 4 Page - Analog Devices

Part # MAX4376
Description  Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4376 Datasheet(HTML) 4 Page - Analog Devices

  MAX4376 Datasheet HTML 1Page - Analog Devices MAX4376 Datasheet HTML 2Page - Analog Devices MAX4376 Datasheet HTML 3Page - Analog Devices MAX4376 Datasheet HTML 4Page - Analog Devices MAX4376 Datasheet HTML 5Page - Analog Devices MAX4376 Datasheet HTML 6Page - Analog Devices MAX4376 Datasheet HTML 7Page - Analog Devices MAX4376 Datasheet HTML 8Page - Analog Devices MAX4376 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Note 1: All devices are 100% production tested at TA = +25°C. All temperature limits are guaranteed by design.
Note 2: Total OUT Voltage Error is the sum of gain and offset errors.
Note 3: 6.25mV = 1/16 of 100mV full-scale sense voltage.
Note 4: VSENSE such that VOUT is in saturation.
(VRS+ = 0 to 28V, VSENSE = (VRS+ - VRS- ) = 0V, VCC = +3.0V to +28V, RL = ∞, TA = TMIN to TMAX, unless otherwise noted. Typical
values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Bandwidth
BW
VCC = 12V
VRS+ = 12V
VSENSE = 15pF
VSENSE = 100mV
(gain = +20V/V)
2
MHz
VSENSE = 100mV
(gain = +50V/V)
1.7
VSENSE = 100mV
(gain = +100V/V)
1.2
VSENSE = 6.25mV (Note 3)
0.5
Slew Rate
SR
VSENSE = 20mV to 100mV, CLOAD = 15pF
10
V/µs
Gain
AV
MAX437_T
+20
V/V
MAX437_F
+50
MAX437_H
+100
Gain Accuracy
D
AV
VSENSE = 10mV to
150mV, VCC = 12V,
IOUT = 2mA, gain = 20
and 50, VRS+ = 12V
TA = TMIN to TMAX
±5.5
%
TA = +25°C
±
0.5
±
2.5
VSENSE = 10mV to
150mV, VCC = 20V,
IOUT = 2mA, gain = 100,
VRS+ = 12V
TA = TMIN to TMAX
5.5
TA = +25°C
±
0.5
±
2.5
OUT Setting Time to 1% of
Final Value
VCC = 12V, VRS+ = 12V,
CLOAD = 15pF
VSENSE = 6.25mV
to 100mV
400
ns
VSENSE = 100mV
to 6.25mV
800
Maximum Capacitive Load
CLOAD
No sustained oscillation
1000
pF
Output Resistance
ROUT
VSENSE = 100mV
5
W
Power-Supply Rejection
PSR
VRS+ > 2V, VOUT = 1.6V, VCC = 3V to 28V
66
90
dB
Power-Up Time to 1% of Final
Value
VSENSE = 100mV, CLOAD = 15pF
2
µs
Saturation Recovery Time to
1% of Final Value
VCC = 12V, VRS+ = 12V, CLOAD = 15pF,
VSENSE = 100mV
1
µs
Reverse Recovery Time to 1%
of Final Value
VCC = 12V, VRS_ = 12V, CLOAD = 15pF,
VSENSE = -100mV to +100mV
1
µs
www.maximintegrated.com
Maxim Integrated │ 4
MAX4376/MAX4377/
MAX4378
Single/Dual/Quad, High-Side
Current-Sense Amplifiers with Internal Gain
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com