Electronic Components Datasheet Search
  English  ▼

X  

MAX4376 Datasheet(PDF) 11 Page - Analog Devices

Part # MAX4376
Description  Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4376 Datasheet(HTML) 11 Page - Analog Devices

Back Button MAX4376 Datasheet HTML 5Page - Analog Devices MAX4376 Datasheet HTML 6Page - Analog Devices MAX4376 Datasheet HTML 7Page - Analog Devices MAX4376 Datasheet HTML 8Page - Analog Devices MAX4376 Datasheet HTML 9Page - Analog Devices MAX4376 Datasheet HTML 10Page - Analog Devices MAX4376 Datasheet HTML 11Page - Analog Devices MAX4376 Datasheet HTML 12Page - Analog Devices MAX4376 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Figure 3. Current Source
PART
GAIN
(+V/V)
TEMP
ANGE
PIN-
PACKAGE
TOP
MARK
MAX4376TAUK+T
20
-40°C to +125°C
5 SOT23 ADOG
MAX4376TAUK/V+T 20
-40°C to +125°C
5 SOT23 AMGC
MAX4376FAUK+T
50
-40°C to +125°C
5 SOT23 ADOH
MAX4376FAUK/V+T 50
-40°C to +125°C
5 SOT23 AMJI
MAX4376HAUK+T
100
-40°C to +125°C
5 SOT23 ADOI
MAX4376HAUK/V+T 100
-40°C to +125°C
5 SOT23 AFGO
MAX4376TASA+
20
-40°C to +125°C
8 SO
—
MAX4376FASA+
50
-40°C to +125°C
8 SO
—
MAX4376HASA+
100
-40°C to +125°C
8 SO
—
MAX4377TAUA+
20
-40°C to +125°C
8 µMAX
—
MAX4377FAUA+
50
-40°C to +125°C
8 µMAX
—
MAX4377HAUA+
100
-40°C to +125°C
8 µMAX
—
MAX4377TASA+
20
-40°C to +125°C
8 SO
—
MAX4377FASA+
50
-40°C to +125°C
8 SO
—
MAX4377HASA+
100
-40°C to +125°C
8 SO
—
MAX4378TAUD+
20
-40°C to +125°C 14 TSSOP
—
MAX4378FAUD+
50
-40°C to +125°C 14 TSSOP
—
MAX4378HAUD+
100
-40°C to +125°C 14 TSSOP
—
MAX4378TASD+
20
-40°C to +125°C
14 SO
—
MAX4378FASD+
50
-40°C to +125°C
14 SO
—
MAX4378HASD+
100
-40°C to +125°C
14 SO
—
+Denotes a lead (Pb)-free/RoHS-compliant package.
/V denotes an automotive qualified part.
T = Tape and reel.
Ordering Information
MAX4376
RSENSE
ILOAD
0 TO +18V
VSENSE
VCC
OUT
VIN
GND
RS+
+3V TO +28V
0.1µF
RS-
LOAD/
BATTERY
LOW-COST
SWITCHING
REGULATOR
MAX1745
www.maximintegrated.com
Maxim Integrated │ 11
MAX4376/MAX4377/
MAX4378
Single/Dual/Quad, High-Side
Current-Sense Amplifiers with Internal Gain
Chip Information
PROCESS: BiCMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com