Electronic Components Datasheet Search
  English  ▼

X  

MAX4376 Datasheet(PDF) 13 Page - Analog Devices

Part # MAX4376
Description  Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4376 Datasheet(HTML) 13 Page - Analog Devices

Back Button MAX4376 Datasheet HTML 5Page - Analog Devices MAX4376 Datasheet HTML 6Page - Analog Devices MAX4376 Datasheet HTML 7Page - Analog Devices MAX4376 Datasheet HTML 8Page - Analog Devices MAX4376 Datasheet HTML 9Page - Analog Devices MAX4376 Datasheet HTML 10Page - Analog Devices MAX4376 Datasheet HTML 11Page - Analog Devices MAX4376 Datasheet HTML 12Page - Analog Devices MAX4376 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
REVISION
NUMBER
REVISION
DATE
DESCRIPTION
PAGES
CHANGED
4
4/09
Added automotive part number and lead-free designations
1, 9
5
6/10
Clarified 0V to 2V is not a high-accuracy range for the device, added soldering
temperature and Package Information section
1, 2, 10
6
2/11
Specified VRS+ value
2, 3
7
10/12
Added MAX4376HASA+ and MAX4376TAUK/V+T to Ordering Information
1
8
4/18
Updated Ordering Information table and Features section
1
9
7/18
Updated Features section, Pin Configuration diagram, and Ordering Information table
1, 9
10
7/18
Updated Package Information table
11
11
8/18
Updated Package Information table
11
12
12/18
Updated package code
2
13
11/19
Updated Package Information
2
Maxim Integrated cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim Integrated product. No circuit patent licenses
are implied. Maxim Integrated reserves the right to change the circuitry and specifications without notice at any time. The parametric values (min and max limits)
shown in the Electrical Characteristics table are guaranteed. Other parametric values quoted in this data sheet are provided for guidance.
Maxim Integrated and the Maxim Integrated logo are trademarks of Maxim Integrated Products, Inc.
© 2019 Maxim Integrated Products, Inc. │ 13
MAX4376/MAX4377/
MAX4378
Single/Dual/Quad, High-Side
Current-Sense Amplifiers with Internal Gain
Revision History
For pricing, delivery, and ordering information, please visit Maxim Integrated’s online storefront at https://www.maximintegrated.com/en/storefront/storefront.html.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com