Electronic Components Datasheet Search
  English  ▼

X  

MAX4447 Datasheet(PDF) 4 Page - Analog Devices

Part # MAX4447
Description  6500V/μs, Wideband, High-Output-Current, Single- Ended-to-Differential Line Drivers with Enable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4447 Datasheet(HTML) 4 Page - Analog Devices

  MAX4447 Datasheet HTML 1Page - Analog Devices MAX4447 Datasheet HTML 2Page - Analog Devices MAX4447 Datasheet HTML 3Page - Analog Devices MAX4447 Datasheet HTML 4Page - Analog Devices MAX4447 Datasheet HTML 5Page - Analog Devices MAX4447 Datasheet HTML 6Page - Analog Devices MAX4447 Datasheet HTML 7Page - Analog Devices MAX4447 Datasheet HTML 8Page - Analog Devices MAX4447 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
6500V/µs, Wideband, High-Output-Current, Single-
Ended-to-Differential Line Drivers with Enable
4
_______________________________________________________________________________________
Note 1: RG is the gain resistor. See Figure 1.
Note 2: Input step voltage has <100ps rise (fall) time. Measured at the output from 10% to 90% (90% to 10%) levels.
Note 3: Includes the current noise contribution through the on-die feedback resistor.
AC ELECTRICAL CHARACTERISTICS (continued)
(VCC = +5V, VEE = -5V, RL = 100
Ω between OUT+ and OUT-, AVCL = +2V/V for MAX4447/MAX4448, AVCL = +5V/V for MAX4449,
VOUT = VOUT+ - VOUT-, TA = +25°C, unless otherwise noted.)
µs
nV/
√Hz
pA/
√Hz
VOUT = 4V step
780
VOUT = 8V step
810
900
MAX4447
MAX4448
MAX4449
VOUT = 2V step
660
CONDITIONS
tFALL
Fall Time (Note 2)
770
800
MAX4447
MAX4448
MAX4449
-78
8
fC = 5MHz
ps
900
900
1100
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MAX4447
MAX4448
MAX4449
dBc
Settling Time
-46
-62
fC = 20MHz
fC = 100MHz
NTSC, RL = 150
Ω
NTSC, RL = 150
Ω
0.01
DG
Differential Gain Error
0.02
DP
-46
2nd Harmonic Distortion
Differential Phase Error
fC = 100MHz
-62
-78
-78
fC = 100kHz
fC = 5MHz
fC = 20MHz
VIN = 1V, VOUT settle to within 1%
VIN = 1V, VOUT settle to within 1%
VIN = 1V, VOUT settle to within 1%
0.08
tON
Power-Up Time
µs
0.4
ns
55
Enable Time
Disable Time
VIN = 1V, VOUT settle to within 1%
f = 10MHz, each output to ground
f = 1MHz
f = 1MHz (Note 3)
Ω
1.0
ZOUT±
Output Impedance
%
1.8
iN
24
eN
Input Noise Voltage Density
Input Noise Current Density
µs
0.5
tOFF
Power-Down Time
VOUT = 2Vp-p
-54
3rd Harmonic Distortion
fC = 100MHz
-71
-86
-86
fC = 100kHz
fC = 5MHz
fC = 20MHz
ns
-78
fC = 100kHz
VOUT = 2Vp-p
SFDR
Spurious-Free Dynamic Range
dBc
degrees
Settle to 0.1%, VOUT = 2V step
VOUT = 2Vp-p
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com