Electronic Components Datasheet Search
  English  ▼

X  

MAX4447 Datasheet(PDF) 8 Page - Analog Devices

Part # MAX4447
Description  6500V/μs, Wideband, High-Output-Current, Single- Ended-to-Differential Line Drivers with Enable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4447 Datasheet(HTML) 8 Page - Analog Devices

Back Button MAX4447 Datasheet HTML 4Page - Analog Devices MAX4447 Datasheet HTML 5Page - Analog Devices MAX4447 Datasheet HTML 6Page - Analog Devices MAX4447 Datasheet HTML 7Page - Analog Devices MAX4447 Datasheet HTML 8Page - Analog Devices MAX4447 Datasheet HTML 9Page - Analog Devices MAX4447 Datasheet HTML 10Page - Analog Devices MAX4447 Datasheet HTML 11Page - Analog Devices MAX4447 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
6500V/µs, Wideband, High-Output-Current, Single-
Ended-to-Differential Line Drivers with Enable
8
_______________________________________________________________________________________
-100
-80
-90
-60
-70
-40
-50
-30
-10
-20
0
0
234
1
5678
MAX4449
HARMONIC DISTORTION vs. OUTPUT
VOLTAGE SWING (fC = 5MHz)
OUTPUT VOLTAGE SWING (V)
2ND
3RD
1000
10
1
1k
10k
100k
10
100
1M
VOLTAGE NOISE DENSITY
vs. FREQUENCY
100
FREQUENCY (Hz)
100
1
1
1k
10k
100k
10
100
1M
CURRENT NOISE DENSITY
vs. FREQUENCY
10
FREQUENCY (Hz)
10
14
12
18
16
20
22
060
80
20
40
100
120
ISOLATION RESISTANCE
vs. CAPACITIVE LOAD
CAPACITIVE LOAD (pF)
100
0.1
100k
10M
100M
1G
OUTPUT IMPEDANCE
vs. FREQUENCY
1
10
FREQUENCY (Hz)
1M
0
2
4
6
8
10
12
14
16
0
40
80
120
160
200
DIFFERENTIAL OUTPUT VOLTAGE SWING
vs. RESISTIVE LOAD
RL (
Ω)
100
1000
-90
-70
-80
-60
-50
-40
-20
-30
-10
0
0.1
1
10
POWER-SUPPLY REJECTION
vs. FREQUENCY
FREQUENCY (MHz)
EN
VEN =
0.8V TO 2V
OUTPUT
VOLTAGE
1V/div
SHUTDOWN RESPONSE TIME
(50ns/div)
-3
-2
-1
0
1
2
3
4
-40
-15
10
35
60
85
OFFSET VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
Typical Operating Characteristics (continued)
(VCC = +5V, VEE = -5V, VEN = +5V, VOUT = VOUT+ - VOUT-, RL = 100
Ω between OUT+ and OUT-, AV = +2V/V for MAX4447/MAX4448,
AV = +5V/V for MAX4449, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com