Electronic Components Datasheet Search
  English  ▼

X  

MAX4447 Datasheet(PDF) 11 Page - Analog Devices

Part # MAX4447
Description  6500V/μs, Wideband, High-Output-Current, Single- Ended-to-Differential Line Drivers with Enable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4447 Datasheet(HTML) 11 Page - Analog Devices

Back Button MAX4447 Datasheet HTML 4Page - Analog Devices MAX4447 Datasheet HTML 5Page - Analog Devices MAX4447 Datasheet HTML 6Page - Analog Devices MAX4447 Datasheet HTML 7Page - Analog Devices MAX4447 Datasheet HTML 8Page - Analog Devices MAX4447 Datasheet HTML 9Page - Analog Devices MAX4447 Datasheet HTML 10Page - Analog Devices MAX4447 Datasheet HTML 11Page - Analog Devices MAX4447 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Setting Gain
The MAX4448/MAX4449 are stable with minimum gain
of +2V/V and +5V/V, respectively. An external resistor,
RGAIN, connected between RG and GND sets the gain
of these devices. Calculate the gain as follows:
Gain = 2 (1 + 300 / RGAIN)
RGAIN for the MAX4449 must be
≤200Ω.
Driving Capacitive Loads
The MAX4447/MAX4448/MAX4449 are designed to
drive capacitive loads. However, excessive capacitive
loads may cause ringing or instability at the output as
phase margin is reduced. Adding a small series isola-
tion resistor at the output helps reduce the ringing but
slightly increases gain error.
Twisted-Pair Line Driver
The MAX4447/MAX4448/MAX4449 are well-suited to
drive twisted-pair cables. The 24AWG telephone wire
widely used produces losses at the higher frequencies.
Compensate for these losses by increasing the gain
slightly.
6500V/µs, Wideband, High-Output-Current, Single-
Ended-to-Differential Line Drivers with Enable
______________________________________________________________________________________
11
IN
500mV/div
OUT
1V/div
CL = 15pF
IN
500mV/div
OUT
1V/div
CL = 15pF
Figure 3. Capacitive-Loaded Output Step Response Without
Isolation Resistor
Figure 4. Capacitive-Loaded Output Step Response with 14
Ω
Isolation Resistor
Chip Information
TRANSISTOR COUNT: 291



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com