Electronic Components Datasheet Search
  English  ▼

X  

MAX4447 Datasheet(PDF) 9 Page - Analog Devices

Part # MAX4447
Description  6500V/μs, Wideband, High-Output-Current, Single- Ended-to-Differential Line Drivers with Enable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4447 Datasheet(HTML) 9 Page - Analog Devices

Back Button MAX4447 Datasheet HTML 4Page - Analog Devices MAX4447 Datasheet HTML 5Page - Analog Devices MAX4447 Datasheet HTML 6Page - Analog Devices MAX4447 Datasheet HTML 7Page - Analog Devices MAX4447 Datasheet HTML 8Page - Analog Devices MAX4447 Datasheet HTML 9Page - Analog Devices MAX4447 Datasheet HTML 10Page - Analog Devices MAX4447 Datasheet HTML 11Page - Analog Devices MAX4447 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
6500V/µs, Wideband, High-Output-Current, Single-
Ended-to-Differential Line Drivers with Enable
_______________________________________________________________________________________
9
0
10
20
30
40
50
-40
-15
10
35
60
85
QUIESCENT CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
EN = VCC
EN = GND
0
3
6
9
12
-40
-15
10
35
60
85
INPUT BIAS CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
Pin Description
Typical Operating Characteristics (continued)
(VCC = +5V, VEE = -5V, VEN = +5V, VOUT = VOUT+ - VOUT-, RL = 100
Ω between OUT+ and OUT-, AV = +2V/V for MAX4447/MAX4448,
AV = +5V/V for MAX4449, TA = +25°C, unless otherwise noted.)
1, 2
Positive Power Supply. Bypass with a 0.1µF capacitor to GND.
FUNCTION
MAX4447
MAX4448
MAX4449
PIN
1, 2
NAME
VCC
3, 6
N.C.
3, 4, 6
No Connection. Not internally connected. Connect to GND for best AC perfor-
mance.
5
IN
5
Amplifier Noninverting Input
4
RG
—
Gain-Set Resistor. Connect gain-setting resistor from RG to GND.
9
EN
9
Active-High, TTL-Compatible, Enable Input. Connect to VCC for normal operation.
Connect to GND for low-power operation.
15
OUT-
7, 8, 11, 12,
13, 14
15
Negative Polarity Output
10
OUT+
10
Positive Polarity Output
VEE
7, 8, 11, 12,
13, 14
Negative Power-Supply Input. Bypass with a 0.1µF capacitor to GND.
16
GND
16
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com