Electronic Components Datasheet Search
  English  ▼

X  

324450 Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part # 324450
Description  AMPOWER TERMINALS AND SPLICES
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

324450 Datasheet(HTML) 5 Page - TE Connectivity Ltd

  324450 Datasheet HTML 1Page - TE Connectivity Ltd 324450 Datasheet HTML 2Page - TE Connectivity Ltd 324450 Datasheet HTML 3Page - TE Connectivity Ltd 324450 Datasheet HTML 4Page - TE Connectivity Ltd 324450 Datasheet HTML 5Page - TE Connectivity Ltd 324450 Datasheet HTML 6Page - TE Connectivity Ltd 324450 Datasheet HTML 7Page - TE Connectivity Ltd 324450 Datasheet HTML 8Page - TE Connectivity Ltd 324450 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
PAGE 5
AMPOWER Terminals and Splices
Features
1. VERSATILITY
Stranded wires, crimped with the
DYNA-CRIMP tool, become almost a
homogeneous mass with the AMPOWER
terminal or splice barrel. Long barrel
terminals and splices are offered for
applications where space limitations and
accessibility make it difficult to locate the
proper crimp area. Complementing this
versatility is the stud hole style available
with AMPOWER terminals. They are
supplied with one, two or without stud
holes for special requirements, or they
can be ordered with extra long tongues
at a slightly higher cost.
2. STRENGTH
AMPOWER terminals have formidable
strength and resistance to vibration
suitable for their intended use. This
strength comes from the double-thick
tongue and short transfer section of the
barrel, and is achieved without sacrificing
any current carrying capacity. In addition,
great tensile strength is imparted to the
AMPOWER terminals and splices by
means of AMP’s formulated “C” crimp-
tensile strength approaches the strength
of the conductors.
3. ECONOMY
An important part of all AMP products
is low installed cost. This is a result of the
tool and terminal team, the elimination
of clutter found in other methods, plus
the speed and ease of application. And
AMP’s matching tooling creates the
correct crimp. As a result, you save
money every time an AMPOWER
product is installed.
4. CONDUCTIVITY,
CORROSION RESISTANCE
AND TEMPERATURE RISE
The center of the AMP termination
method is the exactly controlled “C”
crimp that forms the terminal or splice
barrel into an almost homogeneous unit.
As a result, conductivity is maximized
and tensile strength approaches that of
the wire. Proper compression crimping
brings the terminal into intimate
contact with the conductor, producing
excellent resistance to corrosion. Tests
of temperature rise above ambient also
confirm the excellent performance of
AMPOWER terminals and splices.
5. POSITIVE INSPECTION
Standard AMPOWER terminals and
splices are supplied with inspection
slots in the barrel, allowing the tool
operator or inspector to determine at
a glance whether the conductors have
been fully and properly inserted into the
barrel. This can be done either before or
after crimping. Wire stops prevent over
insertion of conductors, and bell mouth
construction makes it easy to insert
conductors into the barrel.
6. BROAD WIRE SIZE RANGE
Covering wire sizes from 6 AWG to
1000 MCM [13 to 507 mm2]—for terminals
and up to 1500 [760 mm2] for splices.
AMPOWER terminals and splices provide
reliability and low cost installation for
power equipment using large cable sizes.
Note: See page 13 for Special Terminals.
Long Barrel Terminal
Without Stud Hole
See pages 6-10
Parallel Splice
See page 12
Butt Splice
See page 11
Long Barrel
Butt Splice
See page 10
Standard Terminals
With One Stud Hole
See pages 6-10
Standard Terminals
Without Stud Hole
See pages 6-10
Terminals
With Two Stud Holes
See pages 6-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com