Electronic Components Datasheet Search
  English  ▼

X  

324450 Datasheet(PDF) 13 Page - TE Connectivity Ltd

Part # 324450
Description  AMPOWER TERMINALS AND SPLICES
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

324450 Datasheet(HTML) 13 Page - TE Connectivity Ltd

Back Button 324450 Datasheet HTML 9Page - TE Connectivity Ltd 324450 Datasheet HTML 10Page - TE Connectivity Ltd 324450 Datasheet HTML 11Page - TE Connectivity Ltd 324450 Datasheet HTML 12Page - TE Connectivity Ltd 324450 Datasheet HTML 13Page - TE Connectivity Ltd 324450 Datasheet HTML 14Page - TE Connectivity Ltd 324450 Datasheet HTML 15Page - TE Connectivity Ltd 324450 Datasheet HTML 16Page - TE Connectivity Ltd 324450 Datasheet HTML 17Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
PAGE 13
90° Bent
Terminals
WIRE SIZE
RANGE:
2 AWG to 350 MCM
(34 to 375mm2)
Slotted
Stud Hole
WIRE SIZE
RANGE:
400 to 500 MCM
(203 to 253mm2)
Heavy Duty
4-Hole
WIRE SIZE
RANGE:
350 to 600 MCM
(177mm2 to 304mm2)
Center 2-Hole
Terminals
WIRE SIZE
RANGE:
4/0 AWG to 600 MCM
(100mm2 to 304mm2)
*Two Stud Holes
2
Two crimps necessary.
2
Two crimps necessary.
90° Bent
Slotted Stud Hole
Centerline 2-Hole
Heavy Duty 4-Hole
Wire
Size
Wire Range
Stud
Size
Barrel
I.D.
Min.
Tongue
Thickness
Max.
Dimensions
Part
Number
L Max. W Max. F Min.
H Max.
2 AWG
34-35
mm2
52,600 83,700
CM
3/16
-
0.362
9.19
0.09
2.29
0.76
19.30
0.71
18.03
0.70
17.78
0.30
7.62
325223-1
1/4
M6
0.362
9.19
0.09
2.29
0.76
19.30
0.71
18.03
0.70
17.78
0.30
7.62
55813-1
3/8
-
0.362
9.19
0.09
2.29
0.76
19.30
0.71
18.03
0.70
17.78
0.30
7.62
55817-1
1/0
AWG
83,700-
119,500 CM
5/16
M8
0.468
11.89
0.10
2.54
0.85
21.59
0.87
22.10
0.95
24.13
0.42
10.67
325320
4/0
AWG
190-231 MCM
3/8
0.658
16.71
0.13
3.30
1.20
30.46
1.19
30.23
2.24
56.90
0.59
14.99
54634-2*
Wire
Size
Wire
Range
Stud
Size
Barrel
I.D.
Min.
Tongue
Thickness
Max.
Dimensions
Part
Number
L Max.
H Max.
C Min.
K
W Max.
400
MCM
375-450
MCM
3/8
-
0.876
22.25
0.18
4.57
5.82
147.83
0.44
11.18
3.29
83.57
1.30
33.02
1.61
40.89
276963-1
500
MCM
450-550
MCM
3/8
-
0.981
24.92
0.20
5.08
6.01
6.35
0.44
11.18
3.25
82.55
1.30
33.02
1.80
45.72
276964-1
Wire
Size
Wire
Range
Stud
Size
Barrel
I.D.
Min.
Tongue
Thickness
Max.
Dimensions
Part
Number
L Max.
H Max.
C Min.
K
W Max.
350
MCM
325-375
MCM
1/2
M12
0.850
21.59
0.26
6.60
4.85
123.19
0.531
13.49
2.50
63.50
1.25
31.75
2.38
60.45
276920-1
500
MCM
450-550
MCM
1/2
M12
0.991
25.17
0.27
6.85
4.93
125.22
0.531
13.49
2.50
63.50
1.25
31.75
2.38
60.45
277146-1
6002
MCM
550-650
MCM
1/2
M12
1.120
28.45
0.26
6.60
4.93
125.22
0.531
13.49
2.50
63.50
1.25
31.75
2.38
60.45
276919-1
Wire
Size
Wire
Range
Stud
Size
Barrel
I.D.
Min.
Tongue
Thickness
Max.
Dimensions
Part
Number
L Max.
H Max.
C Min.
K
W Max.
4/0
AWG
190-231
MCM
5/16
M8
0.648
16.46
0.13
3.30
4.24
107.70
0.45
11.43
1.93
49.02
.875
22.23
1.19
30.23
277143-1
500
MCM
450-550
MCM
3/8
-
0.991
25.17
0.26
6.60
4.01
101.85
0.45
11.43
2.00
50.80
1.00
25.40
1.26
32.00
276887-1
6002
MCM
550-650
MCM
3/8
-
1.085
27.56
0.31
7.87
4.10
104.14
0.45
11.43
2.00
50.80
1.00
25.40
1.26
32.00
276918-1
AMPOWER Terminals and Splices
Special Terminals
W
90˚ Bent
Slotted Stud Hole
Centerline 2-Hole
Heavy Duty 4-Hole
L
W
F
H
L
90˚
W
H
K
C
W
L
L
H
K
C
H
K
C
W
90˚ Bent
Slotted Stud Hole
Centerline 2-Hole
Heavy Duty 4-Hole
L
W
F
H
L
90˚
W
H
K
C
W
L
L
H
K
C
H
K
C
W
90˚ Bent
Slotted Stud Hole
Centerline 2-Hole
Heavy Duty 4-Hole
L
W
F
H
L
90˚
W
H
K
C
W
L
L
H
K
C
H
K
C
W
90˚ Bent
Slotted Stud Hole
Centerline 2-Hole
Heavy Duty 4-Hole
L
W
F
H
L
90˚
W
H
K
C
W
L
L
H
K
C
H
K
C
Dimensions displayed in
inches / mm unless otherwise specified and are shown for reference purposes only.
Specifications subject to change.
inches / (mm)
inches / (mm)
inches / (mm)
inches / (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com