Electronic Components Datasheet Search
  English  ▼

X  

324450 Datasheet(PDF) 12 Page - TE Connectivity Ltd

Part # 324450
Description  AMPOWER TERMINALS AND SPLICES
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

324450 Datasheet(HTML) 12 Page - TE Connectivity Ltd

Back Button 324450 Datasheet HTML 8Page - TE Connectivity Ltd 324450 Datasheet HTML 9Page - TE Connectivity Ltd 324450 Datasheet HTML 10Page - TE Connectivity Ltd 324450 Datasheet HTML 11Page - TE Connectivity Ltd 324450 Datasheet HTML 12Page - TE Connectivity Ltd 324450 Datasheet HTML 13Page - TE Connectivity Ltd 324450 Datasheet HTML 14Page - TE Connectivity Ltd 324450 Datasheet HTML 15Page - TE Connectivity Ltd 324450 Datasheet HTML 16Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AMPOWER /// PRODUCT CATALOG
Wire
Size
Wire Range
Barrel I.D.
Min.
Dimensions
Part Number
T
L Max.
2 AWG
52,600-83,700 CM
0.372
9.45
0.039
0.99
0.49
12.45
324442
2 AWG
52,600-83,700 CM
0.372
9.45
0.039
0.99
0.49
12.45
1-324442-0*
1/0 AWG
83,700-119,500 CM
0.468
11.89
0.042
1.07
0.58
14.73
324443
2/0 AWG
119,500-190,000 CM
0.523
13.28
0.047
1.19
0.64
16.26
324444
2/0 AWG
119,500-190,000 CM
0.523
13.28
0.047
1.19
0.64
16.26
1-324444-0*
3/0 AWG
150,500-190,000 CM
0.586
14.88
0.053
1.35
0.71
18.03
324445
4/0 AWG
190-231 MCM
0.658
16.71
0.059
1.50
0.77
19.56
324446
4/0 AWG
190-231 MCM
0.658
16.71
0.059
1.50
0.77
19.56
1-324446-0*
250 MCM
231-275 MCM
0.700
17.78
0.065
1.65
0.83
21.08
324447
300 MCM
275-325 MCM
0.768
19.51
0.071
1.80
0.89
22.61
324448
300 MCM
275-325 MCM
0.768
19.51
0.071
1.80
0.89
22.61
1-324448-0*
350 MCM
325-375 MCM
0.829
21.05
0.077
1.96
0.96
24.38
324449
400 MCM
375-450 MCM
0.886
22.50
0.083
2.11
1.02
25.91
324450
500 MCM
450-550 MCM
0.991
25.17
0.092
2.34
1.11
28.19
324451
500 MCM
450-550 MCM
0.991
25.17
0.092
2.34
1.11
28.19
1-324451-0*
600 MCM1
550-650 MCM
1.085
27.56
0.101
2.57
1.21
30.73
324452
700 MCM1
650-750 MCM
1.172
29.77
0.109
2.77
1.29
32.77
324453
800 MCM1
750-850 MCM
1.252
31.80
0.118
3.00
1.36
34.54
324454
800 MCM1
750-850 MCM
1.252
31.80
0.118
3.00
1.36
34.54
1-324454-0*
900 MCM1
850-950 MCM
1.328
33.73
0.125
3.18
1.44
36.58
324455
900 MCM1
850-950 MCM
1.328
33.73
0.125
3.18
1.44
36.58
1-324455-0*
1000 MCM1
950-1125 MCM
1.400
35.56
0.131
3.33
1.50
38.10
324456
1000 MCM1
950-1125 MCM
1.400
35.56
0.131
3.33
1.50
38.10
1-324456-0*
Parallel Splice
WIRE SIZE
RANGE:
2 AWG to 1000 MCM
(34 to 507mm2)
BASE MATERIAL:
Annealed Copper
(ASTM B-188)
Electrodeposited
Tin Plate
(MIL-T-10727)
*Cleaned but not plated.
1
Two crimps necessary.
AMPOWER Terminals and Splices
Splices (continued)
L
T
Dimensions displayed in
inches / mm unless otherwise specified and are shown for reference purposes only.
Specifications subject to change.
inches / (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com