Electronic Components Datasheet Search
  English  ▼

X  

324450 Datasheet(PDF) 7 Page - TE Connectivity Ltd

Part # 324450
Description  AMPOWER TERMINALS AND SPLICES
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

324450 Datasheet(HTML) 7 Page - TE Connectivity Ltd

Back Button 324450 Datasheet HTML 3Page - TE Connectivity Ltd 324450 Datasheet HTML 4Page - TE Connectivity Ltd 324450 Datasheet HTML 5Page - TE Connectivity Ltd 324450 Datasheet HTML 6Page - TE Connectivity Ltd 324450 Datasheet HTML 7Page - TE Connectivity Ltd 324450 Datasheet HTML 8Page - TE Connectivity Ltd 324450 Datasheet HTML 9Page - TE Connectivity Ltd 324450 Datasheet HTML 10Page - TE Connectivity Ltd 324450 Datasheet HTML 11Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
PAGE 7
AMPOWER Terminals and Splices
Terminals (continued)
Wire
Size
Wire
Range
Barrel
I.D.
Min.
Tongue
Thickness
Max.
Style
Stud
Size
Dimensions
Part
Number
L Max. H Max. C Min.
K
F Min. W Max.
2/0 AWG
67-70
mm2
119,500-
150,500
CM
0.513
13.03
0.11
2.79
B
1/4
M6
2.11
53.59
0.47
11.94
0.62
15.75
-
-
0.97
24.64
325401
B
5/16
M8
2.11
53.59
0.47
11.94
0.62
15.75
-
-
0.97
24.64
325402
C
5/16
M8
3.02
76.71
0.42
10.67
0.88
22.35
0.687
17.45
-
0.97
24.64
50990
C
5/16
M8
2.50
63.50
0.32
8.13
0.50
12.70
0.687
17.45
-
0.97
24.64
55992-1
B
3/8
-
2.11
53.59
0.47
11.94
0.62
15.75
-
-
0.97
24.64
325403
B
1/2
M12
2.11
53.59
0.47
11.94
0.62
15.75
-
-
0.97
24.64
325405
A
-
3.86
98.04
-
-
-
2.83
71.88
0.97
24.64
325406
C
3/8
-
3.12
79.25
0.47
11.94
0.62
15.75
1.00
25.40
-
0.97
24.64
326801
H
3/8
-
2.72
69.09
0.47
11.94
0.62
15.75
-
-
0.97
24.64
325410
I
1/2
M12
4.47
113.54
0.47
11.94
0.62
15.75
1.75
44.45
-
0.97
24.64
53681-2
3/0 AWG
80-95
mm2
150,500-
190,000
CM
0.576
14.63
0.12
3.05
B
5/16
M8
2.26
57.40
0.52
13.21
0.62
15.75
-
-
1.08
27.43
325502
B
3/8
-
2.26
57.40
0.52
13.21
0.62
15.75
-
-
1.08
27.43
325503
B
1/2
M12
2.26
57.40
0.52
13.21
0.62
15.75
-
-
1.08
27.43
325505
A
-
4.02
102.11
-
-
-
2.89
73.41
1.08
27.43
325508
C
5/16
M8
3.27
83.05
0.52
13.21
0.62
15.75
1.00
25.40
-
1.08
27.43
325516
I
1/2
M12
4.69
119.13
0.52
13.21
0.62
15.75
1.75
44.45
-
1.08
27.43
53682-2
C
3/8
-
3.27
83.05
0.52
13.21
0.62
15.75
1.00
25.40
-
1.08
27.43
326802
4/0 AWG
100-125
mm2
190,000-
231,000
CM
0.648
16.46
0.13
3.30
A
-
2.45
62.23
-
-
-
1.19
30.23
1.19
30.23
325600
B
5/16
M8
2.45
62.23
0.59
14.99
0.62
15.75
-
-
1.19
30.23
325602
B
3/8
-
2.45
62.23
0.59
14.99
0.62
15.75
-
-
1.19
30.23
325603
B
3/8
-
2.45
62.23
0.59
14.99
0.62
15.75
-
-
1.19
30.23
325602-2**
B
1/2
M12
2.45
62.23
0.59
14.99
0.62
15.75
-
-
1.19
30.23
325605
C
3/8
-
3.46
87.88
0.59
14.99
0.62
15.75
1.00
25.40
-
1.19
30.23
326803
A
-
4.21
106.93
-
-
-
2.95
74.93
1.19
30.23
325610
A
-
3.46
87.88
-
-
-
2.20
55.88
1.19
30.23
325611
G
-
4.94
125.48
-
-
-
2.95
74.93
1.19
30.23
325614
C
1/2
M12
4.21
106.93
0.59
14.99
0.62
15.75
1.75
44.45
-
1.19
30.23
327284
I
1/2
M12
4.94
125.48
0.59
14.99
0.62
15.75
1.75
44.45
-
1.19
30.23
53683-2
BASE
MATERIAL:
Annealed Copper
(ASTM B-188)
Electrodeposited
Tin Plate
(MIL-T-10727)
** No sight hole.
1
Per NEMA specification.
F
W
A
G
D
H
B
C
C
E
H
H
K
F
I
C
W
W
W
W
W
L
F
L
L
L
L
L
H
C
H
K
C
F
W
H
C
H
K
C
W
W
L
L
L
Dimensions displayed in
inches / mm unless otherwise specified and are shown for reference purposes only.
Specifications subject to change.
inches / (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com