Electronic Components Datasheet Search
  English  ▼

X  

DS1302 Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS1302
Description  Trickle-Charge Timekeeping Chip
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1302 Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS1302 Datasheet HTML 3Page - Dallas Semiconductor DS1302 Datasheet HTML 4Page - Dallas Semiconductor DS1302 Datasheet HTML 5Page - Dallas Semiconductor DS1302 Datasheet HTML 6Page - Dallas Semiconductor DS1302 Datasheet HTML 7Page - Dallas Semiconductor DS1302 Datasheet HTML 8Page - Dallas Semiconductor DS1302 Datasheet HTML 9Page - Dallas Semiconductor DS1302 Datasheet HTML 10Page - Dallas Semiconductor DS1302 Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DS1302 Trickle-Charge Timekeeping Chip
7 of 16
The day-of-week register increments at midnight. Values that correspond to the day of week are user-defined but
must be sequential (i.e., if 1 equals Sunday, then 2 equals Monday, and so on.). Illogical time and date entries
result in undefined operation.
When reading or writing the time and date registers, secondary (user) buffers are used to prevent errors when the
internal registers update. When reading the time and date registers, the user buffers are synchronized to the
internal registers the rising edge of CE.
The countdown chain is reset whenever the seconds register is written. Write transfers occur on the falling edge of
CE. To avoid rollover issues, once the countdown chain is reset, the remaining time and date registers must be
written within 1 second.
The DS1302 can be run in either 12-hour or 24-hour mode. Bit 7 of the hours register is defined as the 12- or 24-
hour mode-select bit. When high, the 12-hour mode is selected. In the 12-hour mode, bit 5 is the
AM/PM bit with
logic high being PM. In the 24-hour mode, bit 5 is the second 10-hour bit (20–23 hours). The hours data must be
re-initialized whenever the 12/
24 bit is changed.
CLOCK HALT FLAG
Bit 7 of the seconds register is defined as the clock halt (CH) flag. When this bit is set to logic 1, the clock oscillator
is stopped and the DS1302 is placed into a low-power standby mode with a current drain of less than 100nA. When
this bit is written to logic 0, the clock will start. The initial power-on state is not defined.
WRITE-PROTECT BIT
Bit 7 of the control register is the write-protect bit. The first seven bits (bits 0 to 6) are forced to 0 and always read 0
when read. Before any write operation to the clock or RAM, bit 7 must be 0. When high, the write-protect bit
prevents a write operation to any other register. The initial power-on state is not defined. Therefore, the WP bit
should be cleared before attempting to write to the device.
TRICKLE-CHARGE REGISTER
This register controls the trickle-charge characteristics of the DS1302. The simplified schematic of Figure 6 shows
the basic components of the trickle charger. The trickle-charge select (TCS) bits (bits 4 to 7) control the selection of
the trickle charger. To prevent accidental enabling, only a pattern of 1010 enables the trickle charger. All other
patterns will disable the trickle charger. The DS1302 powers up with the trickle charger disabled. The diode select
(DS) bits (bits 2 and 3) select whether one diode or two diodes are connected between VCC2 and VCC1. If DS is 01,
one diode is selected or if DS is 10, two diodes are selected. If DS is 00 or 11, the trickle charger is disabled
independently of TCS. The RS bits (bits 0 and 1) select the resistor that is connected between VCC2 and VCC1. The
resistor selected by the resistor select (RS) bits is as follows:
RS BITS
RESISTOR
TYPICAL
VALUE
00
None
None
01
R1
2k
Ω
10
R2
4k
Ω
11
R3
8k
Ω
If RS is 00, the trickle charger is disabled independently of TCS.
Diode and resistor selection is determined by the user according to the maximum current desired for battery or
super cap charging. The maximum charging current can be calculated as illustrated in the following example.
Assume that a system power supply of 5V is applied to VCC2 and a super cap is connected to VCC1. Also assume
that the trickle charger has been enabled with one diode and resistor R1 between VCC2 and VCC1. The maximum
current IMAX would therefore be calculated as follows:
IMAX = (5.0V – diode drop) / R1 ≈ (5.0V – 0.7V) / 2kΩ ≈ 2.2mA
As the super cap charges, the voltage drop between VCC2 and VCC1 decreases and therefore the charge current
decreases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com