Electronic Components Datasheet Search
  English  ▼

X  

DS1302 Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS1302
Description  Trickle-Charge Timekeeping Chip
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1302 Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS1302 Datasheet HTML 6Page - Dallas Semiconductor DS1302 Datasheet HTML 7Page - Dallas Semiconductor DS1302 Datasheet HTML 8Page - Dallas Semiconductor DS1302 Datasheet HTML 9Page - Dallas Semiconductor DS1302 Datasheet HTML 10Page - Dallas Semiconductor DS1302 Datasheet HTML 11Page - Dallas Semiconductor DS1302 Datasheet HTML 12Page - Dallas Semiconductor DS1302 Datasheet HTML 13Page - Dallas Semiconductor DS1302 Datasheet HTML 14Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
DS1302 Trickle-Charge Timekeeping Chip
10 of 16
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Pin Relative to Ground……………………………………………………………….-0.5Vto +7.0V
Operating Temperature Range, Commercial………………………………………………………………….0°C to +70°C
Operating Temperature Range, Industrial (IND)……………………………………………………………-40°C to +85°C
Storage Temperature Range……………………………………………………………………………..….-55°C to +125°C
Soldering Temperature (leads, 10 seconds)………………………………………………………………..………….260°C
Soldering Temperature (surface mount)………………………………………………..…….See IPC/JEDEC J-STD-020
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is
not implied. Exposure to the absolute maximum rating conditions for extended periods may affect device reliability.
RECOMMENDED DC OPERATING CONDITIONS
(TA = 0°C to +70°C or TA = -40°C to +85°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage VCC1, VCC2
VCC1,
VCC2
(Notes 2, 10)
2.0
3.3
5.5
V
Logic 1 Input
VIH
(Note 2)
2.0
VCC +
0.3
V
VCC = 2.0V
-0.3
+0.3
Logic 0 Input
VIL
VCC = 5V
(Note 2)
-0.3
+0.8
V
DC ELECTRICAL CHARACTERISTICS
(TA = 0°C to +70°C or TA = -40°C to +85°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Leakage
ILI
(Notes 5, 13)
85
500
µA
I/O Leakage
ILO
(Notes 5, 13)
85
500
µA
Logic 1 Output (IOH = -0.4mA)
VCC = 2.0V
1.6
Logic 1 Output (IOH = -1.0mA)
VOH
VCC = 5V
(Note 2)
2.4
V
Logic 0 Output (IOL = 1.5mA)
VCC = 2.0V
0.4
Logic 0 Output (IOL = 4.0mA)
VOL
VCC = 5V
(Note 2)
0.4
V
VCC1 = 2.0V
0.4
Active Supply Current
(Oscillator Enabled)
ICC1A
VCC1 = 5V
CH = 0
(Notes 4, 11)
1.2
mA
VCC1 = 2.0V
0.2
0.3
Timekeeping Current
(Oscillator Enabled)
ICC1T
VCC1 = 5V
CH = 0
(Notes 3, 11,13)
0.45
1
µA
VCC1 = 2.0V
1
100
VCC1 = 5V
1
100
Standby Current (Oscillator
Disabled)
ICC1S
IND
CH = 1
(Notes 9, 11, 13)
5
200
nA
VCC2 = 2.0V
0.425
Active Supply Current
(Oscillator Enabled)
ICC2A
VCC2 = 5V
CH = 0
(Notes 4, 12)
1.28
mA
VCC2 = 2.0V
25.3
Timekeeping Current
(Oscillator Enabled)
ICC2T
VCC2 = 5V
CH = 0
(Notes 3, 12)
81
µA
VCC2 = 2.0V
CH = 1
(Notes 9, 12)
25
Standby Current (Oscillator
Disabled)
ICC2S
VCC2 = 5V
80
µA
R1
2
R2
4
Trickle-Charge Resistors
R3
8
k
Ω
Trickle-Charge Diode Voltage
Drop
VTD
0.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com