Electronic Components Datasheet Search
  English  ▼

X  

DS1302 Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS1302
Description  Trickle-Charge Timekeeping Chip
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1302 Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS1302 Datasheet HTML 5Page - Dallas Semiconductor DS1302 Datasheet HTML 6Page - Dallas Semiconductor DS1302 Datasheet HTML 7Page - Dallas Semiconductor DS1302 Datasheet HTML 8Page - Dallas Semiconductor DS1302 Datasheet HTML 9Page - Dallas Semiconductor DS1302 Datasheet HTML 10Page - Dallas Semiconductor DS1302 Datasheet HTML 11Page - Dallas Semiconductor DS1302 Datasheet HTML 12Page - Dallas Semiconductor DS1302 Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
DS1302 Trickle-Charge Timekeeping Chip
9 of 16
Table 2. Register Address/Definition
RTC
READ
WRITE
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
RANGE
81h
80h
CH
10 Seconds
Seconds
00–59
83h
82h
10 Minutes
Minutes
00–59
10
85h
84h
12/
24
0
AM/PM
Hour
Hour
1–12/0–23
87h
86h
0
0
10 Date
Date
1–31
89h
88h
0
0
0
10
Month
Month
1–12
8Bh
8Ah
0
0
0
0
0
Day
1–7
8Dh
8Ch
10 Year
Year
00–99
8Fh
8Eh
WP
0
0
0
0
0
0
0
—
91h
90h
TCS
TCS
TCS
TCS
DS
DS
RS
RS
—
CLOCK BURST
BFh
BEh
RAM
C1h
C0h
00-FFh
C3h
C2h
00-FFh
C5h
C4h
00-FFh
.
.
.
.
.
.
.
.
.
FDh
FCh
00-FFh
RAM BURST
FFh
FEh
Figure 6. Programmable Trickle Charger
2K Ω
4k Ω
8k Ω
R1
R3
R2
V
CC2
V
CC1
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TCS3
TCS2
TCS1
TCS0
DS1
DS0
ROUT1
ROUT0
TRICKLE CHARGE REGISTER (90h write, 91h read)
1 0F 16 SELECT
NOTE: ONLY 1010b ENABLES CHARGER
1 OF 2
SELECT
1 OF 3
SELECT
TCS
0-3 = T RIC KLE C H A R G E R SELEC T
DS
0-1 = D IOD E SELEC T
ROUT
0-1 = RESIST O R SELE C T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com