Electronic Components Datasheet Search
  English  ▼

X  

DS1302 Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS1302
Description  Trickle-Charge Timekeeping Chip
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1302 Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS1302 Datasheet HTML 4Page - Dallas Semiconductor DS1302 Datasheet HTML 5Page - Dallas Semiconductor DS1302 Datasheet HTML 6Page - Dallas Semiconductor DS1302 Datasheet HTML 7Page - Dallas Semiconductor DS1302 Datasheet HTML 8Page - Dallas Semiconductor DS1302 Datasheet HTML 9Page - Dallas Semiconductor DS1302 Datasheet HTML 10Page - Dallas Semiconductor DS1302 Datasheet HTML 11Page - Dallas Semiconductor DS1302 Datasheet HTML 12Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
DS1302 Trickle-Charge Timekeeping Chip
8 of 16
CLOCK/CALENDAR BURST MODE
The clock/calendar command byte specifies burst mode operation. In this mode, the first eight clock/calendar
registers can be consecutively read or written (see Table 2) starting with bit 0 of address 0.
If the write-protect bit is set high when a write clock/calendar burst mode is specified, no data transfer will occur to
any of the eight clock/calendar registers (this includes the control register). The trickle charger is not accessible in
burst mode.
At the beginning of a clock burst read, the current time is transferred to a second set of registers. The time
information is read from these secondary registers, while the clock may continue to run. This eliminates the need to
re-read the registers in case of an update of the main registers during a read.
RAM
The static RAM is 31 x 8 bytes addressed consecutively in the RAM address space.
RAM BURST MODE
The RAM command byte specifies burst mode operation. In this mode, the 31 RAM registers can be consecutively
read or written (see Table 2) starting with bit 0 of address 0.
REGISTER SUMMARY
A register data format summary is shown in Table 2.
CRYSTAL SELECTION
A 32.768kHz crystal can be directly connected to the DS1302 via pins 2 and 3 (X1, X2). The crystal selected for
use should have a specified load capacitance (CL) of 6pF. For more information on crystal selection and crystal
layout consideration, refer to Application Note 58: Crystal Considerations for Dallas Real-Time Clocks.
Figure 5. Data Transfer Summary
A1
A2
A3
A4 R/C
1
CE
SCLK
I/O
R/W A0
D1
D2
D3
D4
D5
D6
D7
D0
SINGLE-BYTE READ
A1
A2
A3
A4 R/C
1
CE
SCLK
I/O
R/W A0
D1
D2
D3
D4
D5
D6
D7
D0
SINGLE-BYTE WRITE
NOTE: IN BURST MODE, CE IS KEPT HIGH AND ADDITIONAL SCLK CYCLES ARE SENT UNTIL THE END OF THE BURST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com